Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD6C60S Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # SCD6C60S
Description  Blocking voltage to 600 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

SCD6C60S Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  SCD6C60S Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD SCD6C60S Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD SCD6C60S Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD SCD6C60S Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD SCD6C60S Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/5
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
SYMBOL
PARAMETER
CONDITIONS
MIN
Value
UNIT
SYMBOL
CONDITIONS
MIN
V
RRM
I
T(RMS)
Repetitive peak
reverse voltage
RMS on-state current
V
I
GM
Peak gate current
-
600
-
-
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
V
TM
V
DI/Dt
GT
I
I
DRM
RRM
DC gate trigger voltage
Maximum rate-of-rise of
on-state current;
Dc gate trigger current
On-state voltage
Peak off-state forward and
reverse current at V
and V
DRM
RRM
Tc=125
,V
Tc=125
,V
DRM
RRM
UNIT
MAX
TYP
1.6
-
-
100
-
-
-
-
-
-
-
6
0.5
0.5
mA
mA
VD=12V,RL=60
VD=12V dc,RL=60
IGT=150mA with<=0.1
s rise time,
Ta=25
,itm=0.6A,instantaneous value
-
-
-
1.5
200
-
-
V
A/
s
V
A
A
A
6
2
41
I
TSM
It
2
I t for fusing
2
T
tg
Tq
P
GM
Peak one-cycle forward
surge current
Average gate power dissipation
Peak gate power dissipation
Gate controlled tum-on time;gate pulse=100mA;
minmum width=15
s with rise time=<0.1
s
Circuit commutated tum-off time
RMS surge (non-repetitive)on-state
current for period of 8.3ms for fusing
60Hz
50Hz
A
A
-
-
-
-
-
20
-
-
s
s
W
W
As
2
100
83
0.5
20
35
I
H
P
G(AV)
PARAMETER
V =12V; I =0.1A
DGT
Dynamic Characteristics
D/dt
VD
t
gt
t
g
Critical rate of rise of
Off-state voltage
Gate controlled turn-on
Crcuit commutated tum-
off time
time
50
-
-
-
-
-
100
2
100
V =67% V
;Tj=125
;
DM
DRM(max)
Exponential wave form;R =100
GK
I =10A;V =V
;
TM
D
DRM(max)
I=5mA;
G
Dl /dt=0.2A/
s
G
dv /dt=2V/
s;R =1k
DGK
s
s
V/ s
V =67% V
;Tj=125
;I =12A
V =24V;dI /dt=10A/
S
DM
DRM(max)
TM
RTM
SCD6C60S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com