Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8197ASTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8197ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197ASTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8197ASTZ Datasheet HTML 9Page - Analog Devices AD8197ASTZ Datasheet HTML 10Page - Analog Devices AD8197ASTZ Datasheet HTML 11Page - Analog Devices AD8197ASTZ Datasheet HTML 12Page - Analog Devices AD8197ASTZ Datasheet HTML 13Page - Analog Devices AD8197ASTZ Datasheet HTML 14Page - Analog Devices AD8197ASTZ Datasheet HTML 15Page - Analog Devices AD8197ASTZ Datasheet HTML 16Page - Analog Devices AD8197ASTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Preliminary Data Sheet
AD8197
PrA | Page 13 of 32
THEORY OF OPERATION
INTRODUCTION
The AD8197 is a pin-to-pin HDMI 1.3 receive compliant
replacement for the AD8191. The primary function of the
AD8197 is to switch one of four (HDMI or DVI) single-link
sources to one output. Each HDMI/DVI link consists of four
differential, high speed channels and four auxiliary single-
ended, low speed control signals. The high speed channels
include a data-word clock and three transition minimized
differential signaling (TMDS) data channels running at 10× the
data-word clock frequency for data rates up to 2.25 Gbps. The
four low speed control signals are 5 V tolerant bidirectional
lines that can carry configuration signals, HDCP encryption,
and other information, depending upon the specific
application.
All four high speed TMDS channels in a given link are identical;
that is, the pixel clock can be run on any of the four TMDS
channels. Transmit and receive channel compensation is
provided for the high speed channels where the user can
(manually) select among a number of fixed settings.
The AD8197 switching logic has three modes: quad mode (a
quad 4:1 switch), dual mode (a dual 8:1 switch) and single
mode (one 16:1 switch).
The AD8197 has two control interfaces. Users have the option
of controlling the part through either the parallel control
interface or the I2C serial control interface. The AD8197 has
eight user-programmable I2C slave addresses to allow multiple
AD8197s to be controlled by a single I2C bus. A RESET pin is
provided to restore the control registers of the AD8197 to
default values. In all cases, serial programming values override
any prior parallel programming values and any use of the serial
control interface disables the parallel control interface until the
AD8197 is reset.
When using the serial control interface, all three switching
modes (quad, dual, and single) are accessible and the high speed
channel switching mode is controlled independently of the
auxiliary signal switching mode. When using the parallel
control interface, only the quad switching mode is accessible,
and the same channel select bus (PP_CH[1:0]) simultaneously
switches both the high speed channels and the auxiliary signals.
INPUT CHANNELS
Each high speed input differential pair terminates to the 3.3 V
VTTI power supply through a pair of single-ended 50 Ω on-
chip resistors, as shown in Figure 25. The input terminations
can be optionally disconnected for approximately 100 ms
following a source switch. The user can program which of the
16 high speed input channels employs this feature by selectively
programming the associated RX_PT bits in the input
termination pulse register through the serial control interface.
Additionally, all the input terminations can be disconnected by
programming the RX_TO bit in the receiver settings register. By
default, the input termination is enabled. The input
terminations are enabled and cannot be switched when
programming the AD8197 through the parallel control
interface.
CABLE
EQ
50Ω
50Ω
IP_xx
IN_xx
AVEE
VTTI
Figure 25. High Speed Input Simplified Schematic
The input equalizer can be manually configured to provide two
different levels of high frequency boost: 6 dB or 12 dB. The user
can individually control the equalization level of the eight high
speed input channels by selectively programming the associated
RX_EQ bits in the receive equalizer register through the serial
control interface. Alternately, the user can globally control the
equalization level of all eight high speed input channels by
setting the PP_EQ pin of the parallel control interface. No
specific cable length is suggested for a particular equalization
setting because cable performance varies widely between
manufacturers; however, in general, the equalization of the
AD8197 can be set to 12 dB without degrading the signal
integrity, even for short input cables. At the 12 dB setting, the
AD8197 can equalize more than 20 meters of 24 AWG cable at
2.25 Gbps.
OUTPUT CHANNELS
Each high speed output differential pair is terminated to the
3.3 V VTTO power supply through two 50 Ω on-chip resistors
(see Figure 26). This termination is user-selectable; it can be
turned on or off by programming the TX_PTO bit of the
transmitter settings register through the serial control interface,
or by setting the PP_OTO pin of the parallel control interface.
The output termination resistors of the AD8197 back-terminate
the output TMDS transmission lines. These back-terminations,
as recommended in the HDMI 1.3 specification, act to absorb
reflections from impedance discontinuities on the output traces,
improving the signal integrity of the output traces and adding
flexibility to how the output traces can be routed. For example,
interlayer vias can be used to route the AD8197 TMDS outputs
on multiple layers of the PCB without severely degrading the
quality of the output signal.
The AD8197 output has a disable feature that places the outputs
in a tristate mode. This mode is enabled by programming the
HS_EN bit of the high speed device modes register through the
serial control interface or by setting the PP_EN pin of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com