Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV21 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV21
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV21 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV21 Datasheet HTML 1Page - NXP Semiconductors BLV21 Datasheet HTML 2Page - NXP Semiconductors BLV21 Datasheet HTML 3Page - NXP Semiconductors BLV21 Datasheet HTML 4Page - NXP Semiconductors BLV21 Datasheet HTML 5Page - NXP Semiconductors BLV21 Datasheet HTML 6Page - NXP Semiconductors BLV21 Datasheet HTML 7Page - NXP Semiconductors BLV21 Datasheet HTML 8Page - NXP Semiconductors BLV21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
August 1986
5
Philips Semiconductors
Product specification
VHF power transistor
BLV21
Fig.4 Typical values; Tj =25 °C.
handbook, halfpage
02
4
100
75
25
0
50
MGP285
hFE
VCE = 28 V
5 V
IC (A)
Fig.5 IE =Ie = 0; f = 1 MHz; Tj = 25 °C.
handbook, halfpage
010
20
40
60
0
20
40
30
MGP286
typ
Cc
(pF)
VCB (V)
Fig.6 Typical values; f = 100 MHz; Tj = 25 °C.
handbook, full pagewidth
750
0
0
1
5
MGP287
2
3
4
250
500
−IE (A)
fT
(MHz)
VCB = 28 V
20 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com