Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9103C Datasheet(PDF) 2 Page - KISTLER INSTRUMENT CORPORATION

Part # 9103C
Description  Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9103C Datasheet(HTML) 2 Page - KISTLER INSTRUMENT CORPORATION

  9103C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9103C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9103C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9103C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9103C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9103C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Piezoelectric force sensors – Piezoelectric ring force transducers for tensile and compression forces from
20 kN to 700 kN, Types 9101C, 9102C, 9103C, 9104C, 9105C, 9106C, 9107C
Page 2/6
© 2020 ... 2021 Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products are
protected by various intellectual property rights. For more details visit www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Technical data
--> to ensure the specifications, the sensors must be operated and tested with 20% preload
Type
9101C
9102C
9103C
9104C
9105C
9106C
9107C
Nominal force
kN
20
50
100
140
190
330
700
Load limit
kN
25
60
120
160
210
360
770
Sensitivity
pC/N
-4.4 ±0.3
Linearity incl. hysteresis
%FSO
±1.5
Repeatability
%
0.07
0.02
0.04
0.04
0.05
0.04
0.02
Reproducibility
%
0.25
0.10
0.10
0.12
0.13
0.11
0.04
Axial stiffness
kN/mm
1.6
3.3
5.2
7.5
9.8
15.4
27.7
Lateral stiffness 1)
kN/mm
0.31
0.74
1.3
1.8
2.4
3.9
7.6
Shear stiffness
kN/mm
0.40
0.88
1.5
2.2
2.8
4.6
9.0
Torsional stiffness
Nm/°
385
1 955
4 935
10 268
18 469
47 184
190 330
Bending stiffness
Nm/°
388
2 016
5 183
11 228
20 822
55 355
216 950
Maximum bending moment 2)
(Mz = 0), calc.
N·m
22
86
217
379
618
1 318
4 229
Temperature sensitivity change
±1.5
(-40°C ... 120°C, Tref = 25°C)
%
Operating temperature range
°C
-40 ... 120
Insulation resistance (@23°C)
W
≥ 5.1013
Threshold
N
<0.01
Capacitance
pF
17±2
33±4
52±5
70±6
93±6
149±15
303±20
Sensor material
Cover plate
1.4821
Coat
1.4542
Connector type
KIAG 10-32 neg.
Degree of protection (IEC 60529)
IP
check table on page 4
Weight
g
7
20
36
70
80
157
370
1) Resistantance of the sensor to shear and bending deformation. (Theoretical) assumption: The sensor is fixed at the bottom, the shear force acts at the top,
so that the lever length is equal to the toal sensor height.
2) With a pretension of 50% of the nominal force



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com