Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP150F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FP150F
Description  12,500 V - 20,000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FP150F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP150F Datasheet HTML 1Page - List of Unclassifed Manufacturers FP150F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
194
0
10
20
30
40
50
60
70
0
2
4
6
8
10
1214
1618
Forward Current (A)
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
Ambient Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
FP125F FP150F FP175F FP200F
FP200F
FP125F
FP150F
FP175F
Ambient Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com