Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIKM0-7SL2 Datasheet(PDF) 2 Page - ITT Industries

Part # MIKM0-7SL2
Description  Microminiature Circular - .050 Contact Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIKM0-7SL2 Datasheet(HTML) 2 Page - ITT Industries

  MIKM0-7SL2 Datasheet HTML 1Page - ITT Industries MIKM0-7SL2 Datasheet HTML 2Page - ITT Industries MIKM0-7SL2 Datasheet HTML 3Page - ITT Industries MIKM0-7SL2 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
45
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Microminiature Circular - .050" Contact Spacing
MIK
Standard Wire Termination Codes
The following termination codes are listed for your
information. For additional codes please refer to
Appendix on page 79 and 81. All wire lengths are
minimum.
HARNESS TYPES (H)
#26 AWG per MIL-W-16878 Type E, Teflon Stranded
Length
020
019
026
029
028
001
038
009
010
011
013
017
042
027
016
034
025
002
003
023
004
005
006
048
046
041
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
-All Yellow
Color Coded
Contact Arrangements
Face View, Pin Side-(Male Twist Pin Contacts)
MIK/MIKM/MIKQ
7 Contacts
MASTER KEY (TYP)
2
36
7
7
8
1
1
14
13
1
5
12
20
29
39
48
58
67
74
66
57
47
38
28
19
11
4
75
81
82
85
49
10
16
17
24
25
31
32
39
4046
4752
53
55
59
10
15
16
22
23
28
29
33
34
37
3
12
16
19
17
13
4
4
5
MIKQ
19 Contacts
MIKQ
37 Contacts
MIK/MIKM
55 Contacts
MIKM
85 Contacts
Cavity identification numbers are for reference only, they do not appear on connectors.
Shell Dimensions
++
D
DIA.
L
A THD.
.335 (8.51)
Max.
R
S
H (TYP.)
K
A THD
D
DIA.
D
DIA.
R
S
H (TYP.)
D
DIA.
A THD.
K
F
L
A THD.
L
F
L
MIK (Rear Panel Mount Thickness - see Tabulation "T")
Weight given is 1/2" uninsulated, solid #25 AWG gold plated copper pigtails
Plug
Receptacle
Shell Size 7 only
Receptacle
Shell Size 55 only
Plug
Plug
Part Number
by Shell Size
MIK6-7P
MIK6-55P
A
Thread
D
Max.
L
Max.
Avg. Weight
oz. (gm.) ±5%
5/16-24UNF-2B
9/16-24UNF-2A
.375 (9.52)
.755 (19.18)
.315 (8.00)
.460 (11.68)
.054 (1.54)
.202 (5.72)
Part Number
by Shell Size
MIK0-7S
MIK0-55S
A
Thread
D
± .010 (0.25)
F
Max.
H
± .003 (0.08)
K
± .010 (0.25)
L
Max.
R
± .005 (0.13)
S
Max.
T
Max.
Avg. Weight
oz. (gm.) ± 5%
5/16-24UNF-2B
9/16-24UNF-2A
.325 (8.26)
.625 (15.88)
.315 (8.00)
.440 (11.18)
.078 (1.98)
.089 (2.26)
.062 (1.57)
.100 (2.54)
.355 (9.02)
.495 (12.57)
.460 (11.68)
.580 (14.73)
.630 (16.00)
.760 (19.30)
.032 (0.81)
.062 (1.57)
.022 (.635)
.134 (3.81)
Receptacle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com