Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIKM6-7SL2 Datasheet(PDF) 1 Page - ITT Industries

Part # MIKM6-7SL2
Description  Microminiature Circular - .050 Contact Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIKM6-7SL2 Datasheet(HTML) 1 Page - ITT Industries

  MIKM6-7SL2 Datasheet HTML 1Page - ITT Industries MIKM6-7SL2 Datasheet HTML 2Page - ITT Industries MIKM6-7SL2 Datasheet HTML 3Page - ITT Industries MIKM6-7SL2 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microminiature Circular - .050" Contact Spacing
MICRO-K
44
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
MICRO-K microminiature circular connectors
are rugged yet lightweight - and meet or
exceed the applicable requirements of MIL-
DTL-83513. Applications include biomedical,
instrumentation and miniature black boxes.
MIK: Accommodate up to 55 contacts on .050
(1.27) centers (equivalent to 420 contacts per
square inch). Five keyway polarization prevents
cross plugging. The threaded coupling nuts
provide strong, reliable coupling. MIK recepta-
cles can be either front or back panel mounted;
in back mounting applications, panel thickness
of up to 3/32" can be used on the larger sizes.
Maximum temperature range - 55˚C to + 125˚C.
Standard MIK connectors are available in two
shell sizes accommodating two contact
arrangements pre-wired to your specific
requirements.
MIKM: Similar to our MIK, except has a steel
shell and receptacle for improved ruggedness
and RFI resistance. It accommodates up to 85
twist pin contacts. Maximum temperature
range - 55˚C to + 125˚ C.
MIKQ: A quick disconnect metal shell and
receptacle version that can be instantaneously
disconnected yet provides a solid lock when
engaged. Applications include commercial TV
cameras, portable
radios, military gun sights, airborne landing
systems and medical equipment. Maximum
temperature range - 55˚C to +125˚C.
Specifications
STANDARD MATERIAL AND FINISHES
ELECTRO/MECHANICAL FEATURES
*For plug only
Electrodeposited for receptacle.
MIK
Thermoplastic
Stainless Steel
Passivated
Glass-reinforced
Thermoplastic
50 Microinch
Gold Plated
Copper Alloy
Stainless Steel
Stainless Steel
Passivated
Glass-reinforced
Thermoplastic
50 Microinch
Gold Plated
Copper Alloy
Brass
Brass, Electroless
Nickel Plated*
Glass-reinforced
Thermoplastic
50 Microinch
Gold Plated
Copper Alloy
No. of Contacts
Wire Size
Contact Termination
Contact Rating
Couping
Polarization
Contact Spacing
Shell Styles
7,55
#24 AWG
thru #32 AWG
Crimp
3 Amps
Threaded
Keyways
.050 (1.27)
Centers
0-Wall Mtg.
6-Straight Plug
7,55, 85
#24 AWG
thru #32 AWG
Crimp
3 Amps
Threaded
Keyways
.050 (1.27)
Centers
0-Wall Mtg.
6-Straight Plug
7,19, 37
#24 AWG
thru #32 AWG
Crimp
3 Amps
Push/Pull
Keyways
.050 (1.27)
Centers
7-Jam Nut
6-Straight Plug
9-Rear Panel
Mtg. Receptacle
Shell
Coupling Nut
Insulator
Contacts
MIKM
MIKQ
MIK
MIKM
MIKQ
How to Order
SERIES
MIK M
6-
55
P
*
* *
* * *
SERIES
MIK: Microminiature Circular
7, 19, 37, 55, 85
(H) 001 -
18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon,
yellow.
18",7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon,
color coded to MIL-STD-681
System I.
1/2" uninsulated solid #25
AWG gold plated copper.
1" uninsulated solid #25 AWG
gold plated copper.
(H) 003 -
(L) 1 -
(L) 2 -
G - Cable nut and grip (MIKQ plug only)
N - Nut only (MIKQ plug only)
NOTE: Contact types cannot be interchanged
between shell styles.
P - Pin
S - Socket
H - Insulated round hook-up wire
L - Uninsulated round solid wire
No Letter - Screw couping, plastic shell
M - Screw coupling, metal shell
Q - Push/Pull, metal shell
0 - Wall mounting receptacle (MIK and
MIKM only)
6 - Straight plug (MIK, MIKM and MIKQ)
7 - Jam nut mount (MIKQ only)
9 - Rear panel mounted receptacle (MIKQ)
CONNECTOR TYPES
SHELL STYLES
CONNECTOR TYPE
SHELL STYLE
CONTACT ARRANGEMENT
CONTACT ARRANGEMENTS
CONTACT TYPE
CONTACT TYPE
TERMINATION TYPE
TERMINATION TYPES
TERMINATION LENGTH CODE
TERMINATION LENGTH CODE (STANDARDS)
HARDWARE
HARDWARE
RoHS COMPLIANCE
R


Similar Part No. - MIKM6-7SL2

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
MIK-21-75 ULTRALIFE-MIK-21-75 Datasheet
710Kb / 2P
Radio Agnostic SATCOM On-the-Move-System
14 March 2016 Rev A
logo
Marathon Special Produc...
MIK10 MARATHON-MIK10 Datasheet
1Mb / 8P
Sectional Terminal Blocks
MIK16 MARATHON-MIK16 Datasheet
1Mb / 8P
Sectional Terminal Blocks
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
Video Decoder
logo
Marathon Special Produc...
MIK25 MARATHON-MIK25 Datasheet
1Mb / 8P
Sectional Terminal Blocks
More results

Similar Description - MIKM6-7SL2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SR38-4P-3P HIROSE-SR38-4P-3P Datasheet
134Kb / 4P
MICROMINIATURE HIGH-PERFORMANCE MODEL SR38 CIRCULAR CONNECTORS
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
Micro Edgeboard - .050 Contact Spacing
MTV1-16PH00101 ITT-MTV1-16PH00101 Datasheet
174Kb / 6P
Microstrips .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
The Micro Line - .050" Contact Spacing
logo
ITT Industries
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
Microminiature Circular - .050 Contact Spacing
logo
Harwin Plc
S70-332002045R HARWIN-S70-332002045R Datasheet
64Kb / 1P
SMT CIRCULAR CONTACT PAD
logo
Hirose Electric
HR25 HIROSE-HR25 Datasheet
948Kb / 8P
High Performance, Microminiature Circular Connectors
RM HIROSE-RM_18 Datasheet
522Kb / 13P
Multi-contact Compact Circular Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com