Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD33240E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SD33240E
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SD33240E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SD33240E Datasheet HTML 6Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 7Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 8Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 9Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 10Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 11Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 12Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 13Page - List of Unclassifed Manufacturers SD33240E Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
   
6
Voice Solutions in Silicon™
5.
 &  && "&  & "+
4&@ P7  C&Q  P &&
C&Q  & C    ..$A
7A>A$1A ,&   A C& "
&& C   C & &, " !+
  & 9 (  
C&   && C& 4 C & 
C  M6N #& F 
6.
   &   

,"4 4 !  ( +
!  &&! ! &  +
 4 C   5 #   
 & 
7.
&   & &"  " 
..AAA
 (   &&
 & &#& C! &" 
    & C 2 &
   &"  & #C 4
 &&#   & &&C 
    &  4 +
 4  &#   
8.
  C!& 4  0 C &
 & 4  0 C &
9.
 & C! 4  &! !
" 
% 
&&! ! 4&  &  &2 !
#&&!&( 4 24!   & +
 "  #&&! &  & & +
! C2  & #(  #&&!& 
&2 >AA #& "&   # C2
#  4 & 4   ' " #&&!)
#2 &  (   &&
 4    5 #&&!
                 
                        
                      
             !"    #   $%  &  
Table 2: Opcode Summary
Instruction
Opcode <5 bits>
Address <10 bits>
Operational Summary

 
 !"#$% !& '! (( )! "!*+, -" * $!"*.  *-.!" /
/012
  131
 . *.!4 $(*,)*'5 -"6 *++"!44 131 74. )! -(( !+ ), * 012
'66* + . ' . 7! $(*,)*'5
012
 
(*, )*'5 -"6 .8! '7""! . *++"!44 97 . (  " :;<
/=
  131
 . *.!4 * "!'"+ $!"*.  -"6 *++"!44 131 74. )! -(( !+
), * = '66* + . ' . 7! "!'"+ >
=
 
!'"+4 -"6 '7""! . *++"!44 7 . ( "!'"+ > 4 4.$$!+ " :; 4
"!*'8!+
/=
  131
 . *.!4 !44*>! =7! > 9=< -"6 *++"!44 131 74. )!
-(( !+ ), * = '66* + . ' . 7! !44*>! =7! >
=
 
!"-"64 * !44*>! =7! "'!!+4 . .8! ! + - .8! '7""! . 6!44*>!
9< " ! .!"4 :; ' + .  -  6"! 6!44*>!4 *"! $"!4! .
/
 
.$4 '7""! . $!"*.  
/?
 
.$4 '7""! . $!"*.  * + ! .!"4 4.* +#), 9$ !"#+ < 6+!
?/(2)
 
!*+  .!""7$. 4.*.74 ) .4% &!"-( * + 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com