Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV33 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLV33
Description  VHF linear power transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV33 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLV33 Datasheet HTML 9Page - NXP Semiconductors BLV33 Datasheet HTML 10Page - NXP Semiconductors BLV33 Datasheet HTML 11Page - NXP Semiconductors BLV33 Datasheet HTML 12Page - NXP Semiconductors BLV33 Datasheet HTML 13Page - NXP Semiconductors BLV33 Datasheet HTML 14Page - NXP Semiconductors BLV33 Datasheet HTML 15Page - NXP Semiconductors BLV33 Datasheet HTML 16Page - NXP Semiconductors BLV33 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Oct 10
13
Philips Semiconductors
Product specification
VHF linear power transistor
BLV33
List of components used in test circuit (see Fig.16).
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. The striplines are on a double Cu-clad printed-circuit board, with epoxy fibre-glass dielectric (
ε
r = 4.5); thickness
1
⁄16".
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.
C1, C17
multilayer ceramic chip
capacitor; note 1
680 pF, 500 V
C2
multilayer ceramic chip
capacitor; note 1
39 pF, 500 V
C3, C16
film dielectric trimmer
2 to 18 pF
2222 809 09003
C4
multilayer ceramic chip
capacitor; note 1
43 pF, 500 V
C5
film dielectric trimmer
4 to 40 pF
2222 809 08002
C6, C10
polyester capacitor
330 nF
C7, C13
multilayer ceramic chip
capacitor
680 pF, 50 V
2222 852 13681
C8, C9
multilayer ceramic chip
capacitor; note 1
68 pF, 500 V
placed 2.5 mm from
transistor edge
C11, C12
multilayer ceramic chip
capacitor; note 1
27 pF, 500 V
placed 7 mm from
transistor edge
C14
film dielectric trimmer
5 to 60 pF
2222 809 08003
C15
solid aluminium electrolytic
capacitor
10
µF, 40 V
L1
2 turns of 1.6 mm enamelled
Cu wire
25 nH
int. diameter 4.3 mm
length 3.4 mm
leads 2
× 5mm
L2
4 turns closely wound
1.1 mm enamelled Cu wire
120 nH
int. diameter 6 mm
leads 2
× 5mm
L3
stripline; note 2
30
Ω
6mm
× 48.8 mm
L4
stripline; note 2
48
Ω
3mm
× 27 mm
at 3 mm from
transistor edge
L5
stripline; note 2
30
Ω
6
× 42.9 mm
L6
2 turns of 1.6 mm enamelled
Cu wire
24 nH
int. diameter 4 mm
length 3.4 mm
leads 2
× 5mm
R1, R2
carbon resistor
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com