Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAAAAAAAAAAA Datasheet(PDF) 2 Page - Lorlin Electronics Ltd.

Part # PTAAAAAAAAAAA
Description  PT ROTARY SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

PTAAAAAAAAAAA Datasheet(HTML) 2 Page - Lorlin Electronics Ltd.

  PTAAAAAAAAAAA Datasheet HTML 1Page - Lorlin Electronics Ltd. PTAAAAAAAAAAA Datasheet HTML 2Page - Lorlin Electronics Ltd. PTAAAAAAAAAAA Datasheet HTML 3Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC TERMINAL LAYOUT VIEWED FROM THE KNOB END OF THE SPINDLE
30° INDEXING
PC TERMINAL LAYOUT VIEWED FROM THE KNOB END OF THE SPINDLE
36° INDEXING
PC TERMINAL LAYOUT VIEWED FROM THE KNOB END OF THE SPINDLE
60° INDEXING
PC TERMINAL LAYOUT VIEWED FROM THE KNOB END OF THE SPINDLE
90° INDEXING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com