Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGLS128128-HT-F-LED Datasheet(PDF) 7 Page - Varitronix international limited

Part # MGLS128128-HT-F-LED
Description  SPECIFICATION OF LCD MODULE TYPE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

MGLS128128-HT-F-LED Datasheet(HTML) 7 Page - Varitronix international limited

Back Button MGLS128128-HT-F-LED Datasheet HTML 3Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 4Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 5Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 6Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 7Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 8Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 9Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 10Page - Varitronix international limited MGLS128128-HT-F-LED Datasheet HTML 11Page - Varitronix international limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
VL-FS-MGLS128128-29C REV. B
(MGLS128128T-HT-F-LED WHITE)
MAY/2004
PAGE 7 OF 11
4.
Electrical Specifications
4.1.
Interface signals
Table 4
Pin No.
Symbol
Description
1
FGND
Frame Ground (see note 1)
2
VSS
Ground(0V)
3
VDD
Power supply for logic (+5V)
4
V0
Power supply for LCD drive
5
WR
Command/Data write to module when “L”
6
RD
Command/Data read from module when “L”
7
CE
Chip enable of controller when “L”
8
C/D
Command/Data read /write.
“H” for command read/write and
“L” for data read/write.
9
RST
Controller reset when “L”
10
DB00
Data input/output (LSB)
11
DB01
Data input/output
12
DB02
Data input/output
13
DB03
Data input/output
14
DB04
Data input/output
15
DB05
Data input/output
16
DB06
Data input/output
17
DB07
Data input/output (MSB)
18
FS
Font select. “H” for 6 x 8 font & “L” for 8 x 8 font
19
LED+(A)
Anode of LED backlight.
20
LED-(K)
Cathode of LED backlight.
Note 1:
This pin is electrically connected to the metal bezel(frame).
User can choose to connect this pin to VSS or leave it open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com