Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP6A17DN8TC Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMP6A17DN8TC
Description  DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A17DN8TC Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMP6A17DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A17DN8TC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP6A17DN8
PROVISIONAL ISSUE A - SEPTEMBER 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(d)
RθJA
100
°C/W
Junction to Ambient (b)(e)
RθJA
70
°C/W
Junction to Ambient (b)(d)
RθJA
60
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 25mm x 25mm FR4 PCB with coverage of single sided 1oz copper in still air conditions.
(b) For a dual device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.05 pulse width=10µs - pulse width limited by maximum junction temperature.
(d) For a dual device with one active die.
(e) For dual device with 2 active die running at equal power.
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current@VGS=10V; TA=25 C (b)(d)
@VGS=10V; TA=70 C (b)(d)
@VGS=10V; TA=25 C (a)(d)
ID
-3.1
-2.4
-2.3
A
A
A
Pulsed Drain Current (c)
IDM
-11.1
A
Continuous Source Current (Body Diode)(b)
IS
-3.0
A
Pulsed Source Current (Body Diode)(c)
ISM
-11.1
A
Power Dissipation at TA=25°C (a)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Power Dissipation at TA=25°C (a)(e)
Linear Derating Factor
PD
1.81
14.5
W
mW/°C
Power Dissipation at TA=25°C (b)(d)
Linear Derating Factor
PD
2.15
17
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com