Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7982 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7982
Description  18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7982 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7982 Datasheet HTML 9Page - Analog Devices AD7982 Datasheet HTML 10Page - Analog Devices AD7982 Datasheet HTML 11Page - Analog Devices AD7982 Datasheet HTML 12Page - Analog Devices AD7982 Datasheet HTML 13Page - Analog Devices AD7982 Datasheet HTML 14Page - Analog Devices AD7982 Datasheet HTML 15Page - Analog Devices AD7982 Datasheet HTML 16Page - Analog Devices AD7982 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Preliminary Technical Data
AD7982
Rev PrC | Page 13 of 23
SINGLE-TO-DIFFERENTIAL DRIVER
For applications using a single-ended analog signal, either
bipolar or unipolar, the ADA4941 single-ended-to-differential
driver allows for a differential input into the part. The
schematic is shown in Figure 15.
R1, R2 set the attenuation ratio between the input range and the
ADC range (VREF). R1, R2 and CF shall be chosen depending on
the desired input resistance, signal bandwidth, anti-aliasing and
noise contribution.
– e.g.: for +/-10V range with 4k Ω impedance, R2=1k Ω and
R1= 4k Ω
R3, R4 and R5, R6 set the common mode on, respectively, the
IN- and IN+ inputs of the ADC which should be close to
VREF/2.
– e.g.: for +/-10V range with single supply, R3=8.45k Ω, R4=
11.8k Ω and R5=10.5kΩ, R6= 9.76kΩ
AD7982
10
μF
5V REF
REF
GND
IN+
IN–
ADA4941
±10V, ±5V, ..
100nF
2.7nF
20
Ω
R4
R3
2.7nF
R1
R2
CF
VDD
5.2V
2.5V
20
Ω
100nF
R6
R5
-0.2V
Figure 15. Single-Ended-to-Differential Driver Circuit
VOLTAGE REFERENCE INPUT
The AD7982 voltage reference input, REF, has a dynamic, input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins, as explained in the Layout section.
When REF is driven by a very low impedance source, for
example, a reference buffer using the AD8031 or the AD8605, a
10 μF (X5R, 0805 size) ceramic chip capacitor is appropriate for
optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 μF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using a low temperature drift ADR43x reference.
If desired, smaller reference decoupling capacitor values down
to 2.2 μF can be used with a minimal impact on performance,
especially DNL.
Regardless, there is no need for an additional lower value
ceramic decoupling capacitor (for example, 100 nF) between the
REF and GND pins.
POWER SUPPLY
It uses two power supply pins: a core supply VDD and a digital
input/output interface supply VIO. VIO allows direct interface
with any logic between 1.8 V and VDD. To reduce the supplies
needed, the VIO and VDD can be tied together. The AD7982 is
independent of power supply sequencing between VIO and
VDD. Additionally, it is very insensitive to power supply
variations over a wide frequency range.
To ensure optimum performance, VDD should be roughly half
of REF, the voltage reference input. For example if REF is 5.0V,
VDD should be set to 2.5V (+/-5%).
The AD7982 powers down automatically at the end of each
conversion phase and, therefore, the power scales linearly with
the sampling rate. This makes the part ideal for low sampling
rate (even a few Hz) and low battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com