Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4863MX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4863MX
Description  Engineering Project Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4863MX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4863MX Datasheet HTML 1Page - National Semiconductor (TI) LM4863MX Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Use
Material
Cd
CrVl
Pb
Hg
PBB
PBDE
Ref #
Device
CHIP
<10
<10
<10
<10
<10
<10
1000
COMPOUND
<2
<10
<5
<1
<100
<100
569
EPOXY
<2
<10
<5
<1
<100
<100
32
EXTLF
<2
<10
154000
<1
N/A
N/A
56
FRAME
< 2
< 2
< 2
< 2
N/A
N/A
51
WIRE
<2
<2
<2
<2
N/A
N/A
75
Packing
BAG
<2
<10
<5
<1
N/A
N/A
550
BOX
<2
<2
5
<2
N/A
N/A
539
BUBBLE PACK
<2
<10
<5
<1
N/A
N/A
542
DESICCANT
<5
<5
<10
<1
NA
NA
108
INDICATOR
<5
<5
<10
<1
NA
NA
120
LABEL
<5
<5
<10
<1
NA
NA
48
REEL
<2
<2
<2
<2
N/A
N/A
525
STRIP
ND
ND
ND
ND
NA
NA
540
TAPE
<2
<10
<5
<1
N/A
N/A
123
Ref #
1000
Analysis on 04/25/2005 by Balazs Analytical Services-Freemont CA per Report# 05-02036-00
32
Analysis on 04/18/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATJB/2026BS/2006
48
Analysis on 05/30/2005 by PSB-Singapore per Report# 57S051137-048A-PPG
51
Analysis on 03/30/2006 by SGS-Port Klang-Malaysia per Report# LPCI/05021/06
56
Analysis on 04/20/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATJB/2047BS/2006
75
Analysis on 04/21/2006 by SGS-Port Klang-Malaysia per Report# LPCI/06487/06
108
Analysis on 05/30/2005 by PSB-Singapore per Report# 57S051137-108-PPG
120
Analysis on 05/30/2005 by PSB-Singapore per Report# 57S051137-120-PPG
123
Analysis on 04/18/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATBJ/2042BS/2006
525
Analysis on 03/30/2006 by SGS-Port Klang-Malaysia per Report# LPCI/05045/06
539
Analysis on 03/30/2006 by SGS-Port Klang-Malaysia per Report# LPCI/05059/06
540
Analysis on 03/18/2005 by SGS-Malacca per Report# LPCI/1296/05
542
Analysis on 04/18/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATJB/2038BS/2006
550
Analysis on 04/18/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATJB/2032BS/2006
569
Analysis on 04/18/2006 by ALS TECHNICHEM-MALAYSIA per Report# ATJB/2009BS/2006
RoHS Directive
2002/95/EC
Gerry Fields
Vice President Quality
This part number contains Lead(Pb) and is NOT RoHS Compliant.
RoHS Definition: Quantity limit of 0.1% by mass (1000 PPM) in homogeneous material for: Lead (Pb), Mercury, Hexavalent
Chromium, Polybrominated Biphenyls (PBB), Polybrominated Diphenyl Ethers (PBDE) and quantity limit of 0.01% by mass (100
PPM) of homogeneous material for Cadmium
Subject to the limitations below, National Semiconductor Corporation (“National”) certifies the following information as of the document date.
1. National products with lead-free solder comply with the European Union’s Directive on the Restriction of the Use of Hazardous Substances
2002/95/EC (“RoHS”). These products do not contain homogeneous materials with Joint Industry Guide (JIG) -101 Level A materials above
Level A threshold levels, except lead in RoHS exempt applications 5, 7a and 7c.
2. National products with lead-containing solder do not comply with RoHS, because they contain lead in a non-exempt application. These
products do not contain other RoHS restricted substances or homogeneous materials with JIG-101 Level A materials above Level A threshold
levels, except lead in solder and RoHS exempt applications 5, 7a and 7c.
3. National products are manufactured in conformance with National specifications (SC) CSP-9-111C1 Supplier Environmental Requirements
for Materials and Products and (SC) CSP-9-111S2 National’s List of Banned and Reportable Substances, which are available at
www.national.com/quality/green/.
4. National products do not contain and are not manufactured with ozone depleting substances subject to The Montreal Protocol on Substances
that Deplete the Ozone Layer and U.S. Clean Air Act, Title VI.
RoHS Material Composition Declaration
Banned Substance Monitoring
* Unless otherwise noted, units are in PPM (parts-per-million)
* Cd: Cadmium, CrVI: Hexavalent Chromium, Pb: Lead, Hg: Mercury, ND: Not Detected
3rd Party Analysis (available upon request, subject to a non-disclosure agreement)
Document Date
3-Dec-2006
Part Number
LM4863MX
National has taken commercially reasonable steps to provide representative and accurate information but may not have independently verified
information provided by others or conducted testing or chemical analysis on incoming materials and chemicals. Information provided herein is
derived from default values associated with internal monitoring process and may not be representative of all or actual materials used in the product
(e.g. the default may indicate a particular material, while an equivalent compliant material from the same or alternate supplier was actually used).
Certain National suppliers consider material content information to be confidential and thus CAS numbers for such materials may not be available
for release. National’s standard warranty and limitation of liability provisions of National’s Standard Terms and Conditions of Sale apply to any
issues arising out of or in connection with the statements or information provided herein.
National Semiconductor
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com