Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIL352 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CIL352
Description  NPN SILICON PLANAR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CIL352 Datasheet(HTML) 1 Page - Continental Device India Limited

  CIL352 Datasheet HTML 1Page - Continental Device India Limited CIL352 Datasheet HTML 2Page - Continental Device India Limited CIL352 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTORS
CIL351/352
TO-18
Metal Can Package
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCEO
Collector Base Voltage
VCBO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation @ Ta=25ºC
PD
Derate Above 25ºC
Power Dissipation @ Tc=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
Junction to Case
Rth (j-c)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
70
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
75
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
6.0
V
Collector Cut Off Current
ICBO
VCB=20V, IE=0
25
nA
DC Current Gain
hFE
IC=1mA, VCE=10V
CIL351
100
250
CIL352
200
480
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
IC=100mA, IB=5mA
0.60
V
Base Emitter on Voltage
VBE (on)
IC=10mA, VCE=5V
1.0
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Transition Frequency
fT
IC=10mA, VCE=5V,
f=100MHz
100
MHz
*Pulse Condition: Pulse Width <300
µµs, Duty Cycle <2%
CIL351_352Rev_1 120504E
ºC/W
233
UNIT
V
V
583
ºC/W
V
mA
mW
mW/ ºC
mW
200
300
1.72
750
VALUE
70
75
6.0
4.29
- 65 to +200
mW/ ºC
ºC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CIL352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CIL31J100KAC ETC1-CIL31J100KAC Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
CIL31J100KAE ETC1-CIL31J100KAE Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
CIL31J100KBC ETC1-CIL31J100KBC Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
CIL31J100KBE ETC1-CIL31J100KBE Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
CIL31J100KNC ETC1-CIL31J100KNC Datasheet
67Kb / 7P
It has ferrite and 100% Ag as internal conductors, the CIL Series has excellent Q characteristics and eliminate crosstalk.
More results

Similar Description - CIL352

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
2N930 CDIL-2N930 Datasheet
252Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com