Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR2 Datasheet(PDF) 1 Page - ams AG

Part # OR2
Description  2-input OR gate with 1x drive strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OR2 Datasheet(HTML) 1 Page - ams AG

  OR2 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OR2 is a 2-input OR gate with 1x drive strength.
Truth Table
A
B
Q
Capacitance
AB
Q
Ci (pF)
L
L
L
A
0.037
L
H
H
B
0.036
HL
H
HH
H
Area
Power
0.54 mils
2
2.09 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.46
1.81
2.53
0.64
1.96
2.66
tpdaf
0.45
1.57
2.06
0.67
1.75
2.31
Delay B to Q
tpdbr
0.50
1.85
2.59
0.72
2.04
2.75
tpdbf
0.48
1.56
2.12
0.61
1.70
2.25
Output Slope A to Q
op_slar
0.88
5.31
7.43
0.85
5.21
7.47
op_slaf
0.66
3.53
4.91
0.67
3.43
5.01
Output Slope B to Q
op_slbr
0.91
5.30
7.40
0.86
5.22
7.47
op_slbf
0.63
3.51
5.08
0.67
3.50
5.06
Sept. 1996
- 333 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OR2
OR2


Similar Part No. - OR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
OR2 MSYSTEM-OR2 Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
OR2-0-B MSYSTEM-OR2-0-B Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
OR2-0-B/Q MSYSTEM-OR2-0-B/Q Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
OR2-0-C MSYSTEM-OR2-0-C Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
OR2-0-C/Q MSYSTEM-OR2-0-C/Q Datasheet
113Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - OR2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
2-INPUT OR GATE
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
EN13 ETC-EN13 Datasheet
10Kb / 1P
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
logo
ams AG
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com