Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9504 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9504
Description  RS-232, #24-4pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9504 Datasheet(HTML) 2 Page - Belden Inc.

  9504 Datasheet HTML 1Page - Belden Inc. 9504 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Pull Tension:
50 lbs (23 kg)
Bulk Cable Weight:
32 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor
Flammability / Reaction to Fire:
UL 1685 FT4 Loading, FT4
CPR Compliance:
CPR Euroclass: Eca; CPR UKCA Class: Eca
NEC / UL Compliance:
Article 800, CMG
AWM Compliance:
AWM 2464, AWM I/II A
CEC / C(UL) Compliance:
CMG
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
89504, 82504
History
Update and Revision:
Revision Number: 0.537 Revision Date: 03-04-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC/EAN
9504.0030
Chrome Reel
30 m
8719605021144
9504 060100
Chrome Reel
100 ft
612825254263
9504.00U152
Chrome UnReel
152 m
8719605021151
9504.01152
Chrome Reel
152 m
8719605021175
9504.00U305
Chrome UnReel
305 m
8719605021168
9504.01305
Chrome Reel
305 m
8719605021182
9504 060500
Chrome Reel
500 ft
612825254287
9504 060U500
Chrome UnReel
500 ft
612825254256
9504 0601000
Chrome Reel
1,000 ft 612825254270
9504 060U1000 Chrome UnReel
1,000 ft 612825254249
9504 0605000
Chrome Reel
5,000 ft 612825254294
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com