Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A4626 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A4626
Description  3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A4626 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A4626 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A4626 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI3A4626
3.0V, SOTiny™ Single-Supply
0.4Ω SPST (NO) CMOS Analog Switch
2
PS8714A
06/27/04
Absolute Maximum Ratings
Voltages Referenced to GND
VCC ......................................................................–0.5V to +3.6V
VIN, VCOM, VNC, VNO (1)............................ –0.5V to VCC +0.3V
or 30mA, whichever occurs first
Current (any terminal).....................................................±200mA
Peak Current, COM, NO, NC
(Pulsed at 1ms, 10% duty cycle).....................................±400mA
Note:
1. Signals on NC, NO, COM, or IN exceeding VCC or GND are clamped by internal diodes. Limit forward diode current to 30mA.
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of
this specification is not implied.
Thermal Information
Continuous Power Dissipation
SOT-23 (derate 7.1mW/ºC above +70ºC)........................... 0.5W
Storage Temperature ........................................–65ºC to +150ºC
Lead Temperature (soldering, 10s) ................................. +300ºC
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Description
Parameters
Test Conditions
Package Temp.(°C) Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Signal Range(3)
VANALOG
Full
0
VCC
V
On Resistance
RON
VCC = 2.7V,
ICOM = 100mA,
VNO or VNC =
+1.5V
25
0.4
Ω
SOT23
Full
0.5
TDFN
0.6
On-Resistance Match
Between Channels(4)
∆RON
25
0.05
Full
0.06
On-Resistance Flatness(5) RFLAT(ON)
VCC =2.7V
ICOM = 100mA,
VNO or VNC =0.8V,
2.0V
25
0.1
Full
0.1
NO or NC Off Leakage
Current(6)
ICOM(OFF) or
INC(OFF)
VCC =3.3V,
VCOM = 0V,VNO or
VNC = +2.0V
25
–1
1
nA
Full
–20
10
COM On Leakage Cur-
rent(6)
ICOM(ON)
VCC =3.3V,
VCOM = +2.0V,
VNO or
VNC = + 2.0V
25
–2
2
Full
–20
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com