Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV910 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV910
Description  UHF power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV910 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV910 Datasheet HTML 1Page - NXP Semiconductors BLV910 Datasheet HTML 2Page - NXP Semiconductors BLV910 Datasheet HTML 3Page - NXP Semiconductors BLV910 Datasheet HTML 4Page - NXP Semiconductors BLV910 Datasheet HTML 5Page - NXP Semiconductors BLV910 Datasheet HTML 6Page - NXP Semiconductors BLV910 Datasheet HTML 7Page - NXP Semiconductors BLV910 Datasheet HTML 8Page - NXP Semiconductors BLV910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Apr 11
2
Philips Semiconductors
Product specification
UHF power transistor
BLV910
FEATURES
• Internal input matching to achieve high power gain and
easy design of wideband circuits
• Emitter ballasting resistors for an optimum temperature
profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Base station transmitters in the 820 to 960 MHz range.
DESCRIPTION
NPN silicon planar epitaxial transistor intended for
common emitter class-AB operation. The transistor is
encapsulated in a 6-lead SOT171 flange envelope with a
ceramic cap. All leads are isolated from the flange.
PINNING - SOT171
PIN
SYMBOL
DESCRIPTION
1
e
emitter
2
e
emitter
3
b
base
4
c
collector
5
e
emitter
6
e
emitter
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM141
Top view
e
c
b
1
2
3
4
5
6
QUICK REFERENCE DATA
RF performance at Tmb = 25 °C in a common emitter test circuit.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
CW, class-AB
960
26
10
≥ 11
≥ 55
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com