Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZOR Datasheet(PDF) 1 Page - Exar Corporation

Part # ZOR
Description  Zerohm Resistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ZOR Datasheet(HTML) 1 Page - Exar Corporation

  ZOR Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YAGEO CORPORATION SMD RESISTORS
DIMENSIONS
STYLE
L
øD
H
ød
ZOR-12
3.3
± 0.4
1.8
± 0.3
28
± 2.0
0.5
± 0.05
ZOR-25
6.3
± 0.5
2.3
± 0.3
28
± 2.0
0.6
± 0.05
Zerohm Resistors
ZOR Series
SPECIFICATIONS
Maximum Resistance
0.005
Ω
Min. Insulation Resistance
Dry
10,000M
Ω
Wet
100M
Ω
Min. Dielectric Withstanding Voltage
Atmospheric
500V RMS
Reduced
325V RMS
Insulation Flammability
Resistor Insulation is Self Extinguishing within 10 Seconds
After Externally Applied Flame is Removed
Current Rating
15 AMPS at 70ºC for 1/4W
10 AMPS at 70ºC for 1/6W
INTRODUCTION
•Similar to a 1/4W resistor (1/6W size also
available, typical resistance 0.004
Ω)
•Ideal for automatic insertion or Cut and
Form
•Available in Tape/Reel,Tape/Box and Bulk
• Film type Zerohm also available in 1/4W
(ZOR-25) and 1/6W (ZOR-12) size
ød
H
L
øD
Unit : mm
Single Black Color Band
Denotes Zero Resistance.


Similar Description - ZOR

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LRC-LRZ1206-R000 IRCTT-LRC-LRZ1206-R000 Datasheet
254Kb / 2P
Zerohm Thick Film Jumper Chip
ZCHP1-7 IRCTT-ZCHP1-7 Datasheet
111Kb / 1P
Cylindrical Surface Mount Zerohm Jumpers
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
MR-12 UNIOHM-MR-12 Datasheet
1,014Kb / 1P
Jumper Wire & Zerohm Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
TT Electronics.
628L TTELEC-628L_17 Datasheet
202Kb / 4P
Resistors
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
BCN31 TTELEC-BCN31_17 Datasheet
505Kb / 3P
Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com