Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IS601IPW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC18IS601IPW
Description  SPI to IC-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IS601IPW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC18IS601IPW Datasheet HTML 5Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 6Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS601IPW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SC18IS600_601_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 December 2006
9 of 28
NXP Semiconductors
SC18IS600/601
SPI to I2C-bus interface
The I2C-bus clock frequency for the SC18IS601 can be determined using the following
formula:
6.2.5 I2C-bus time-out register (I2CTO)
The time-out register is used to determine the maximum time that the I2C-bus master is
allowed to complete a transfer before setting an I2C-bus time-out interrupt.
The least significant bit of I2CTO (TE bit) is used as a time-out enable/disable. A logic 1
will enable the time-out function.
On the SC18IS600 the time-out oscillator operates at 57.6 kHz. For the SC18IS601 the
time-out oscillator frequency can be determined using the following formula:
This oscillator is fed into a 16-bit down counter. The down counter’s lower nine bits are
loaded with ‘1’, while the upper seven bits are loaded with the contents of I2CTO.
The time-out value is an approximate value.
In the case of arbitration loss, the SC18IS600/601 will transmit a START condition when
the bus becomes free unless the time-out condition is reached. If the time-out condition is
reached, an interrupt will be generated on the INT pin. The ‘I2C-bus time-out’ status can
be read in I2CStat.
Table 6.
I2C-bus clock frequency example at 7.3728 MHz
I2CClk (decimal)
I2C-bus clock frequency
5 (minimum)
369 kHz
7
263 kHz
9
204 kHz
19
97 kHz
255 (maximum)
7.2 kHz
I
2
C-bus clock frequency
CLKIN
4
I 2CClk
×
---------------------------- Hz
()
=
Table 7.
I2CTO - I2C-bus time-out register (address 0x04) bit description
Bit
Symbol
Description
7:1
TO[7:1]
Time-out value
0
TE
Enable/disable time-out function
logic 0 = disable
logic 1 = enable
Fig 9.
Time-out value
Time-out oscillator frequency
CLKIN
128
------------------- Hz
()
=
57.6 kHz
OSCILLATOR
002aab715
16-BIT DOWN COUNTER
[I2CTO][111111111]
time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com