Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6824 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJU6824
Description  128-common x (1282) RGB-Segment, in 4096-Color STN LCD DRIVER
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6824 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJU6824 Datasheet HTML 17Page - New Japan Radio NJU6824 Datasheet HTML 18Page - New Japan Radio NJU6824 Datasheet HTML 19Page - New Japan Radio NJU6824 Datasheet HTML 20Page - New Japan Radio NJU6824 Datasheet HTML 21Page - New Japan Radio NJU6824 Datasheet HTML 22Page - New Japan Radio NJU6824 Datasheet HTML 23Page - New Japan Radio NJU6824 Datasheet HTML 24Page - New Japan Radio NJU6824 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
NJU6824
- 21 -
(3) Access to the instruction register
Each instruction resisters is assigned to each address between 0H and FH, and the content of the instruction
register can be read out by the combination of the “Instruction resister address” and ”Instruction resister read”.
Fig4
(4) 8-/16-bit data bus length for display data (in the parallel interface mode)
The 8- or 16-bit data bus length for display data is determined by the “WLS” of the “Data bus length”
instruction.
In the 16-bit data bus mode, instruction data must be 16-bit data (D15 to D0) as well as display data. However,
for the access to the instruction register, the only lower 8-bit data (D7 to D0) of the 16-bit data is valid. For the
access to the DDRAM, all of the 16-bit data (D15 to D0) is valid.
Table8
WLS
Data bus length mode
L
8-bit
H
16-bit
(5) Initial display line register
The initial display line resister specifies the line address, corresponding to the initial COM line, by the “Initial
display line” instruction. The initial COM line signifies the common driver, starting scanning the display data in
the DDRAM, and specified by the “Initial COM line” instruction.
The line address, established in the initial display line resister, is preset into the line counter whenever the
FLM signal becomes “1”. At the rising edge of the CL signal, the line counter is counted-up and addressed 384-
bit display data corresponding to the counted-up line address, is latched into the data latch circuit. At the falling
edge of the CL signal, the latched data outputs to the segment drivers.
D0 to D7
M
N
WRb
Instruction resister
address set
Instruction resister
contents read
mn
RDb
Instruction resister
address set
Instruction resister
contents read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com