Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-35CF Datasheet(PDF) 2 Page - CUI Devices

Part # CBM-35CF
Description  DC BLOWER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBM-35CF Datasheet(HTML) 2 Page - CUI Devices

  CBM-35CF Datasheet HTML 1Page - CUI Devices CBM-35CF Datasheet HTML 2Page - CUI Devices CBM-35CF Datasheet HTML 3Page - CUI Devices CBM-35CF Datasheet HTML 4Page - CUI Devices CBM-35CF Datasheet HTML 5Page - CUI Devices CBM-35CF Datasheet HTML 6Page - CUI Devices CBM-35CF Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI DEVICES | SERIES: CBM-35CF | DESCRIPTION: DC BLOWER
date 05/08/2023 | page 2 of 7
cuidevices.com
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage7
5 Vdc input models
12 Vdc input models
4.5
10.8
5
12
5.5
13.2
Vdc
Vdc
starting voltage
5 Vdc input models
12 Vdc input models
3.5
7
Vdc
Vdc
Note:
7. See Model section on page 1 for specific input voltage ranges.
PERFORMANCE8
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 3 minutes
4,500
8,500
RPM
air flow
at 0 inch H
2O, see performance curves
0.57
1.11
CFM
static pressure
at 0 CFM, see performance curves
0.12
0.50
inch H
2O
noise
at 1 m, rated speed
13.9
29.5
dBA
Note:
8. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES9
parameter
conditions/description
min
typ
max
units
auto restart
on all models
polarity protection
on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
9. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between housing and positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN/IEC 62368-1:2020+A11)
EMI/EMC
EN 55032:2015, EN 55035:2017
life expectancy
at 40°C, 65% RH, 90% confidence level
40,000
hours
RoHS
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
75
°C
operating humidity
non-condensing
35
85
%
storage humidity
non-condensing
35
85
%
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com