Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-50CF Datasheet(PDF) 1 Page - CUI Devices

Part # CBM-50CF
Description  DC BLOWER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBM-50CF Datasheet(HTML) 1 Page - CUI Devices

  CBM-50CF Datasheet HTML 1Page - CUI Devices CBM-50CF Datasheet HTML 2Page - CUI Devices CBM-50CF Datasheet HTML 3Page - CUI Devices CBM-50CF Datasheet HTML 4Page - CUI Devices CBM-50CF Datasheet HTML 5Page - CUI Devices CBM-50CF Datasheet HTML 6Page - CUI Devices CBM-50CF Datasheet HTML 7Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 05/04/2023
page 1 of 7
SERIES: CBM-50CF | DESCRIPTION: DC BLOWER
cuidevices.com
FEATURES
• omniCOOL™ bearing system
• 51 x 51 mm frame
• multiple speed options
• PWM/tachometer wires available
MODEL
input
voltage
input
current1
input
power1
rated
speed1
airflow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CBM-5015CF-035-293
5
4.5~5.5
0.14
0.70
3,5005
2.22
0.27
29.3
CBM-5015CF-045-348
5
4.5~5.5
0.21
1.05
4,5005
2.85
0.45
34.8
CBM-5015CF-055-391
5
4.5~5.5
0.30
1.50
5,5005
3.49
0.67
39.2
CBM-5015CF-135-293
12
10.8~13.2
0.05
0.60
3,5005
2.22
0.27
29.4
CBM-5015CF-145-348
12
10.8~13.2
0.12
1.44
4,5005
2.85
0.45
34.8
CBM-5015CF-155-391
12
10.8~13.2
0.15
1.80
5,5005
3.49
0.67
39.15
CBM-5015CF-165-428
12
10.8~13.2
0.18
2.16
6,500
4.12
0.93
42.8
CBM-5015CF-175-459
12
10.8~13.2
0.33
3.96
7,500
4.75
1.24
45.9
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated speed is measured as RPM±600 at rated voltage.
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CBM - 5015CF - 035 - 293 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page


Similar Part No. - CBM-50CF

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CBM-50C CUID-CBM-50C Datasheet
796Kb / 6P
DC BLOWER
05/04/2023
More results

Similar Description - CBM-50CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBM-50V CUI-CBM-50V Datasheet
692Kb / 7P
DC BLOWER
CBM-75B CUI-CBM-75B Datasheet
583Kb / 7P
DC BLOWER
CBM-97B CUI-CBM-97B Datasheet
541Kb / 7P
DC BLOWER
CBM-120B CUI-CBM-120B Datasheet
631Kb / 6P
DC BLOWER
CBM-40C CUI-CBM-40C Datasheet
575Kb / 6P
DC BLOWER
CBM-120B-2 CUI-CBM-120B-2 Datasheet
680Kb / 6P
DC BLOWER
05/14/2021
logo
CUI Devices
CBM-35CF CUID-CBM-35CF Datasheet
1Mb / 7P
DC BLOWER
05/08/2023
CBM-40C CUID-CBM-40C Datasheet
978Kb / 8P
DC BLOWER
05/05/2023
CBM-50C CUID-CBM-50C Datasheet
796Kb / 6P
DC BLOWER
05/04/2023
CBM-75CF CUID-CBM-75CF Datasheet
1,022Kb / 6P
DC BLOWER
05/05/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com