Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBM-75CF Datasheet(PDF) 1 Page - CUI Devices

Part # CBM-75CF
Description  DC BLOWER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CBM-75CF Datasheet(HTML) 1 Page - CUI Devices

  CBM-75CF Datasheet HTML 1Page - CUI Devices CBM-75CF Datasheet HTML 2Page - CUI Devices CBM-75CF Datasheet HTML 3Page - CUI Devices CBM-75CF Datasheet HTML 4Page - CUI Devices CBM-75CF Datasheet HTML 5Page - CUI Devices CBM-75CF Datasheet HTML 6Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 05/05/2023
page 1 of 6
SERIES: CBM-75CF | DESCRIPTION: DC BLOWER
cuidevices.com
FEATURES
• omniCOOL™ bearing system
• 75 x 75 mm frame
• multiple speed options
• PWM/tachometer wires available
MODEL
input
voltage
input
current1
input
power1
rated
speed5
airflow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(A)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
typ
(dBA)
CBM-7530CF-220-282
24
21.6~26.4
0.06
1.44
2,0005
6.59
0.14
28.2
CBM-7530CF-230-404
24
21.6~26.4
0.14
3.36
3,0005
9.89
0.31
40.4
CBM-7530CF-240-454
24
21.6~26.4
0.23
5.52
4,000
11.77
0.54
45.4
CBM-7530CF-250-493
24
21.6~26.4
0.45
10.80
5,000
14.70
0.85
49.3
CBM-7530CF-260-540
24
21.6~26.4
0.69
16.56
6,000
17.89
1.32
54.0
Notes:
1. At rated voltage, after 3 minutes.
2. At rated voltage, room temperature, 65% humidity, 0 inch H
20 static pressure.
3. At rated voltage, 0 CFM airflow.
4. Measured in an anechoic chamber as per ISO3745/GB4214-84 at rated voltage, with background noise 20±2 dBA at 1 m from the fan intake.
5. Typical rated sped is measured as RPM±350 at rated voltage
6. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CBM - 7530CF - 230 - 404 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
20 = tachometer signal
22 = tachometer signal / PWM control signal
Additional Resources: Product Page


Similar Part No. - CBM-75CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBM-7530B-119 CUI-CBM-7530B-119 Datasheet
583Kb / 7P
DC BLOWER
CBM-7530B-124 CUI-CBM-7530B-124 Datasheet
583Kb / 7P
DC BLOWER
CBM-7530B-130 CUI-CBM-7530B-130 Datasheet
583Kb / 7P
DC BLOWER
CBM-7530B-134 CUI-CBM-7530B-134 Datasheet
583Kb / 7P
DC BLOWER
CBM-7530B-219 CUI-CBM-7530B-219 Datasheet
583Kb / 7P
DC BLOWER
More results

Similar Description - CBM-75CF

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBM-50V CUI-CBM-50V Datasheet
692Kb / 7P
DC BLOWER
CBM-75B CUI-CBM-75B Datasheet
583Kb / 7P
DC BLOWER
CBM-97B CUI-CBM-97B Datasheet
541Kb / 7P
DC BLOWER
CBM-120B CUI-CBM-120B Datasheet
631Kb / 6P
DC BLOWER
CBM-40C CUI-CBM-40C Datasheet
575Kb / 6P
DC BLOWER
CBM-120B-2 CUI-CBM-120B-2 Datasheet
680Kb / 6P
DC BLOWER
05/14/2021
logo
CUI Devices
CBM-35CF CUID-CBM-35CF Datasheet
1Mb / 7P
DC BLOWER
05/08/2023
CBM-40C CUID-CBM-40C Datasheet
978Kb / 8P
DC BLOWER
05/05/2023
CBM-50C CUID-CBM-50C Datasheet
796Kb / 6P
DC BLOWER
05/04/2023
CBM-50CF CUID-CBM-50CF Datasheet
1Mb / 7P
DC BLOWER
05/04/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com