Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4004-4ARZ-R7
Description  1.8 nV/root Hz, 36 V Precision Quad Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4004-4ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-4ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.8 nV/√Hz, 36 V Precision Quad Amplifier
ADA4004-4
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise: 1.8 nV/
√Hz
Low input bias current: 100 nA maximum
Offset voltage: 100 μV maximum
High gain: 120 dB
Wide bandwidth: 12 MHz
±5 V to ±15 V operation
APPLICATIONS
Precision instrumentation
Filter blocks
Microphone preamplifier
Industrial control
Thermocouples and RTDs
Reference buffers
GENERAL DESCRIPTION
The ADA4004-4 is a 1.8 nV/√Hz precision quad amplifier in a
16 mm2 LFCSP_VQ package featuring 40 μV offset, 0.7 μV/ºC
drift, 12 MHz bandwidth, and low 1.7 mA/amplifier supply
current.
The ADA4004-4 is designed on the high performance iPolar™
process, enabling improvements such as reduced noise and
power consumption, increased speed and stability, and a
smaller footprint size. Novel design techniques enable the
ADA4004-4 to achieve 1.8 nV/√Hz voltage noise density and
a low 6 Hz 1/f noise corner frequency while consuming just
1.7 mA/amplifier. The small package saves board space, reduces
cost, and improves layout flexibility.
Applications for these amplifiers include high precision controls,
PLL filters, high performance precision filters, medical and
analytical instrumentation, precision power supply controls,
ATE, and data acquisition systems.
The high performance ADA4004-4 is offered in the very small
16-lead, 4 mm × 4 mm LFCSP_VQ and the 14-lead, narrow
SOIC_N, lead-free, surface-mount packages. Operation is fully
specified from ±5 V to ±15 V from −40°C to +125°C.
PIN CONFIGURATIONS
NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADA4004-4
–IN A 1
+IN A 2
VCC 3
+IN B 4
–IN D
12
+IN D
11
VEE
10
+IN C
9
5
6
7
8
16
15
14
13
Figure 1. 16-Lead LFCSP_VQ
(CP-16-4 Suffix)
1
OUT A
OUT D
14
2
–IN A
–IN D
13
3
+IN A
+IN D
12
4
V+
V–
11
5
+IN B
+IN C
10
6
–IN B
–IN C
9
7
OUT B
OUT C
8
ADA4004-4
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead SOIC_N
(R-14 Suffix)


Similar Part No. - ADA4004-4ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4ARZ-R7 AD-ADA4004-4ARZ-R7 Datasheet
370Kb / 12P
1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-4ARZ-R7 AD-ADA4004-4ARZ-R7 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-4ARZ-R7 AD-ADA4004-4ARZ-R7 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
ADA4004-4ARZ-R7 AD-ADA4004-4ARZ-R7 Datasheet
388Kb / 16P
1.8 nV/√Hz, 36 V Precision Amplifiers
Rev. H
More results

Similar Description - ADA4004-4ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
ADA4004-1 AD-ADA4004-1 Datasheet
135Kb / 4P
1.8 nV/Hz, 36 V Precision Single and Dual Amplifier
ADA4004-4 AD-ADA4004-4_07 Datasheet
370Kb / 12P
1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com