Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT806TS Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT806TS
Description  Fast CMOS Buffer/Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT806TS Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT806TS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT806TS Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS7006C
06/27/01
PI49FCT805T/2805TLogicBlockDiagram
PI49FCT806TLogicBlockDiagram
ProductDescription
Pericom Semiconductor’s PI49FCT series of logic circuits are
produced using the Company’s advanced 0.8 micron CMOS
technology, achieving industry leading speed grades.
The PI49FCT805T and PI49FCT2805T are non-inverting clock
drivers.ThePI49FCT806Tisaninvertingclockdriverdesignedwith
two independent groups of buffers that have Hi-Z state Output
Enable inputs (active LOW) with a 1-in, 5-out configuration per
group. Each clock driver consists of two banks of drivers, driving
five outputs each from a standard TTL-compatible CMOS input.
ThePI49FCT2805Talsofeaturesa25-ohmon-chipresistorforlower
noise.
Product Features
• Extremely low output skew: 0.5ns
• Monitor output pin
• Clock busing with Hi-Z state control
• TTL input and CMOS output compatible
• Extremely low static power (1mW, typ.)
• Hysteresis on all inputs
• Packagesavailable:
– 20-pin209milwideSSOP(H)
– 20-pin300milwideSOIC(S)
– 20-pin150milwideQSOP(Q)
• Device models available on request
• Industrial Operation at -40ºC to +85ºC
OEB
INA
OA0–4
INB
OEA
OB0–4
MON
5
5
OEB
INA
OA0–4
INB
OEA
OB0–4
MON
5
5
Fast CMOS
Buffer/Clock Driver
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T
PI49FCT806T


Similar Part No. - PI49FCT806TS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT804ATP PERICOM-PI49FCT804ATP Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT804T PERICOM-PI49FCT804T Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT804TP PERICOM-PI49FCT804TP Datasheet
305Kb / 6P
Fast CMOS Buffer/Clock Driver
PI49FCT807ATH PERICOM-PI49FCT807ATH Datasheet
316Kb / 6P
Fast CMOS Clock Driver
PI49FCT807ATQ PERICOM-PI49FCT807ATQ Datasheet
316Kb / 6P
Fast CMOS Clock Driver
More results

Similar Description - PI49FCT806TS

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805 Datasheet
126Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805CT IDT-IDT49FCT805CT Datasheet
71Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com