Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI49FCT806ATS Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT806ATS
Description  Fast CMOS Buffer/Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT806ATS Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT806ATS Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT806ATS Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS7006C
06/27/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT805T
PI49FCT2805T/PI49FCT806T
Fast CMOS Buffer/Clock Driver
DC Electrical Characteristics (OvertheOperating Range, TA =–40°Cto+85°C,VCC =5.0V±5%)
Parameters Description
TestConditions(1)
Min.
Typ(2)
Max.
Units
VOH
OutputHIGHVoltage
VCC = Min., VIN = VIH or VIL
IOH=–24.0mA
2.4
3.3
V
VOL
Output LOW Current
VCC = Min., VIN = VIH or VIL
IOL=64mA
0.3
0.55
V
IOL=12mA(25Ω)
0.3
0.50
V
VIH
InputHIGHVoltage
GuaranteedLogicHIGHLevel
2.0
V
VIL
Input LOW Voltage
GuaranteedLogicLOWLevel
0.8
V
IIH
InputHIGHCurrent
VCC=Max.
VIN=VCC
1µA
IIL
Input LOW Current
VCC=Max.
VIN=GND
–1
µA
IOZH
High Impedance
VCC=Max.
VOUT=VCC
1µA
IOZL
Output Current
VOUT=GND
–1
µA
II
InputHIGHCurrent
VCC=Max.,VIN=VCC(Max.)
20
µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC=Max.(3),VOUT=GND
–60
–120
–225
mA
VH
Input Hysteresis
VCC=5V
200
mV
Storage Temperature ............................................................. –65°Cto+150°C
Ambient Temperature with Power Applied .............................. -40°Cto+85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ....... –0.5Vto+7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .... –0.5Vto+7.0V
DC Input Voltage ..................................................................... –0.5Vto+7.0V
DC Output Current ............................................................................... 120mA
Power Dissipation ................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the de-
vice. This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affectreliability.
Capacitance (TA=25°C,f=1MHz)
Parameters(4)
Description
TestConditions
Typ
Max.
Units
CIN
Input Capacitance
VIN=0V
6
10
pF
COUT
Output Capacitance
VOUT=0V
8
12
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is determined by device characterization but is not production tested.
MaximumRatings
(Above which the useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com