Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSOT03-HT3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSOT03-HT3
Description  ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03-HT3 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSOT03-HT3 Datasheet HTML 1Page - Vishay Siliconix GSOT03-HT3 Datasheet HTML 2Page - Vishay Siliconix GSOT03-HT3 Datasheet HTML 3Page - Vishay Siliconix GSOT03-HT3 Datasheet HTML 4Page - Vishay Siliconix GSOT03-HT3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85822
Rev. 1.4, 29-Apr-05
GSOT03-HT3 to GSOT36-HT3
Vishay Semiconductors
Electrical Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Part Number
Device
Marking
Code
Rated
Stand-off
Voltage
Minimum
Breakdown
Voltage
Maximum
Clamping
Voltage
Maximum
Peak Pulse
Current
Maximum
Leakage
Current
Maximum
Capacitance
@ 1 mA
@ IPP = 1 A
@ IPP = 5 A
tp = 8/20 μs
@ VWM
@ 0 V, 1 MHz
VWM
VBR
VC
IPPM
ID
C
V
V
V
A
μA
pF
GSOT03-
HT3
A3
3.3
4
6.5
7.5
18
125
800
GSOT04-
HT3
A4
4
5
8.5
10.5
17
125
800
GSOT05-
HT3
A5
5
6
9.8
12.5
17
100
550
GSOT08-
HT3
A6
8
8.5
13.4
151510
400
GSOT12-
HT3
A7
12
13.3
19
28
12
2
185
GSOT15-
HT3
A8
15
16.7
24
35
10
1
140
GSOT24-
HT3
A9
24
26.7
43
60
5
1
83
GSOT36-
HT3
AA
36
40
60
75
2
1
80
Figure 1. Non -Repetitive Peak Pulse Power vs. Pulse Time
100
1000
10000
0.1
1.0
10
td - Pulse Duration (
μ s)
100
1000
10000
10
300W, 8/20
μs waveshape
17476
Figure 2. Pulse Waveform
0
50
100
90
80
70
60
40
30
20
10
110
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
0
10
5
15
20
30
25
t - Time (
μs)
td =
IPP
2
17477



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com