Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

443 Datasheet(PDF) 2 Page - Littelfuse

Part # 443
Description  SURFACE MOUNT FUSES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

443 Datasheet(HTML) 2 Page - Littelfuse

  443 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Revised: March 17, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
74
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
443 Series
NANO2® > 250V > Time Lag > 443 Series
Please refer to www.littelfuse.com/series/443.html for current information.
Average Time Current Curves
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
-Temperature Max (T
s(max))
-Time (Min to Max) (t
s)
Average ramp up rate (LiquidusTemp
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
-Temperature (T
L) (Liquidus)
-Temperature (t
L)
PeakTemperature (T
P)
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
Time 25°C to peakTemperature (T
P)
Do not exceed
Soldering Parameters
Temperature Rerating Curve
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
CURRENT IN AMPS
Wave Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com