Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

443 Datasheet(PDF) 1 Page - Littelfuse

Part # 443
Description  SURFACE MOUNT FUSES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

443 Datasheet(HTML) 1 Page - Littelfuse

  443 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revised: March 17, 2009
73
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
443 Series
NANO2® > 250V > Time Lag > 443 Series
Please refer to www.littelfuse.com/series/443.html for current information.
443 Series Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
% of Ampere
Rating
OpeningTime
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
0.500A - 5.00A
Electrical Specifications by Item
Ampere
Rating
(A)
Amp Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I t (A2sec)
Nominal
Voltage Drop
(mV)
Agency
Approvals
448
1
98
4
81
Notes:
1. Cold resistance measured at less than 10% of rated current at 23°C.
2. Agency Approval Table Key: X=Approved or Certified, P=Pending and Blank=Not Approved
3. Have special electrical characteristic needs? Contact Littelfuse to learn more about application specific options.
Applications


Similar Part No. - 443

ManufacturerPart #DatasheetDescription
logo
Littelfuse
443 LITTELFUSE-443 Datasheet
170Kb / 4P
Surface Mount Fuses
logo
Adafruit Industries
443 ADAFRUIT-443 Datasheet
91Kb / 2P
Large Solderless Breadboard
logo
Eclipse Magnetics Ltd
443-025 ECLIPSEMAGNETICS-443-025 Datasheet
21Kb / 1P
Parallel pin punch
logo
Glenair, Inc.
443-033 GLENAIR-443-033 Datasheet
290Kb / 2P
Band-in-a-Can Piggyback Boot Adapter
logo
List of Unclassifed Man...
443-037 ETC1-443-037 Datasheet
20Kb / 1P
Round Head Centre Punches, 100mm 4in long.
More results

Similar Description - 443

ManufacturerPart #DatasheetDescription
logo
Littelfuse
441 LITTELFUSE-441 Datasheet
38Kb / 2P
SURFACE MOUNT FUSES
0459 LITTELFUSE-0459 Datasheet
77Kb / 1P
Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
0466002NRHF LITTELFUSE-0466002NRHF Datasheet
161Kb / 3P
Surface Mount Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com