Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RXXYYY Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-RXXYYY
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-RXXYYY Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-RXXYYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-RXXYYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Plastic Optical Fiber
Cable and Accessories for
Versatile Link
Technical Data
Features
• Compatible with Agilent
Versatile Link Family of
Connectors and Fiber Optic
Components
• 1 mm Diameter Plastic
Optical Fiber (POF) in Two
Grades: Low Cost Standard
POF with 0.22 dB/m Typical
Attenuation, or High
Performance Extra Low Loss
POF with 0.19 dB/m Typical
Attenuation
Applications
• Industrial Data Links for
Factory Automation and
Plant Control
• Intra-System Links; Board-
to-Board, Rack-to-Rack
• Telecommunications
Switching Systems
• Computer-to-Peripheral Data
Links, PC Bus Extension
• Proprietary LANs
• Digitized Video
• Medical Instruments
• Reduction of Lightning and
Voltage Transient
Susceptibility
• High Voltage Isolation
Cable Description
The HFBR-R/EXXYYY series of
plastic fiber optic cables are
constructed of a single step-index
fiber sheathed in a black poly-
ethylene jacket. The duplex fiber
consists of two simplex fibers
joined with a zipcord web.
Standard attenuation and extra
low loss POF cables are identical
except for attenuation
specifications.
Polyethylene jackets on all plastic
fiber cables comply with UL VW-1
flame retardant specification (UL
file # E89328).
Cables are available in
unconnectored or connectored
options. Refer to the Ordering
Guide for part number
information.
HFBR-RXXYYY Series (POF)
HFBR-EXXYYY Series (POF)
Figure 1. Typical POF Attenuation vs.
Wavelength.
620
500
100
λ – WAVELENGTH – nm
660
300
400
680
640
700
200


Similar Part No. - HFBR-RXXYYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-RXXYYY

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com