Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP101
Description  25/30 WATT Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP101 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP101 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
INPUT
INPUT CURRENTS
MODEL
VOLTAGE
OUTPUT
OUTPUT
%
NUMBER
RANGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
EFF
LP101
9-18VDC
5VDC
5000mA
30mA
2670mA
78
LP102
9-18VDC
12VDC
2000mA
30mA
2500mA
80
LP103
9-18VDC
15VDC
1650mA
30mA
2575mA
80
LP104
9-18VDC
±5VDC
±2500mA
30mA
2670mA
78
LP105
9-18VDC
±12VDC
±1000mA
30mA
2500mA
80
LP106
9-18VDC
±15VDC
±830mA
30mA
2590mA
80
LP107
9-18VDC
5/±12VDC
2500/±500mA
30mA
2550mA
80
LP108
9-18VDC
5/±15VDC
2500/±400mA
30mA
2550mA
80
LP201
18-36VDC
5VDC
5000mA
20mA
1560mA
66
LP202
18-36VDC
12VDC
2000mA
20mA
1525mA
66
LP203
18-36VDC
15VDC
1650mA
20mA
1525mA
68
LP204
18-36VDC
±5VDC
±2500mA
20mA
1560mA
67
LP205
18-36VDC
±12VDC
±1000mA
20mA
1525mA
66
LP206
18-36VDC
±15VDC
±830mA
20mA
1525mA
71
LP207
18-36VDC
5/±12VDC
3000/±625mA
20mA
1520mA
82
LP208
18-36VDC
5/±15VDC
3000/±500mA
20mA
1525mA
82
LP301
36-72VDC
5VDC
5000mA
20mA
760mA
69
LP302
36-72VDC
12VDC
2000mA
20mA
745mA
67
LP303
36-72VDC
15VDC
1650mA
20mA
740mA
70
LP304
36-72VDC
±5VDC
±2500mA
20mA
760mA
69
LP305
36-72VDC
±12VDC
±1000mA
20mA
740mA
68
LP306
36-72VDC
±15VDC
±830mA
20mA
740mA
70
LP307
36-72VDC
5/±12VDC
3000/±625mA
20mA
745mA
84
LP308
36-72VDC
5/±15VDC
3000/±500mA
20mA
745mA
84
MODELS CHART
NOTE: Nominal Input Voltage 12, 24, or 48 VDC
LP Series: 25/30 WATT
Low Profile
DC/DC Converters
FEATURES
• 2:1 Input Range
• External Output Trim
• Isolated Outputs
• Remote Disable
• Efficiency to 84%
• Six-sided Shield
• 100 kHz Switching Frequency
• PCB Mountable
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com
International
Power Sources, Inc.


Similar Part No. - LP101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1012 ETC-LP1012 Datasheet
168Kb / 2P
10/100Base-T Single Port Transformer Modules
LP1012P ETC-LP1012P Datasheet
168Kb / 2P
10/100Base-T Single Port Transformer Modules
LP1017 ETC1-LP1017 Datasheet
41Kb / 1P
LP1017
logo
Marl International Limi...
LP1017 MARL-LP1017 Datasheet
41Kb / 1P
Switch-Mode LED Driver
logo
List of Unclassifed Man...
LP1017-12 ETC1-LP1017-12 Datasheet
41Kb / 1P
LP1017
More results

Similar Description - LP101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT101 ETC-LT101 Datasheet
99Kb / 2P
LT Series: 25/30 WATT Wide Input Range
logo
Gilway Technical Lamp
76304 GILWAY-76304 Datasheet
60Kb / 2P
25 watt, nonhalogen, low voltage
76305 GILWAY-76305 Datasheet
31Kb / 2P
30 watt, nonhalogen, low voltage
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
25 to 30 Watt DC-DC Converters
logo
Tumbler Technologies + ...
PUP30 TRUMPOWER-PUP30 Datasheet
185Kb / 2P
25- 30 WATT SWITCHING POWER SUPPLIES
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
STMicroelectronics
TDA7492P STMICROELECTRONICS-TDA7492P Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
TDA7492P13TR STMICROELECTRONICS-TDA7492P13TR Datasheet
459Kb / 26P
25-watt 25-watt dual BTL class-D audio amplifier
12-Sep-2011
logo
TRACO Electronic AG
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com