Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 62Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 63Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
17 Mounting recommendations
The package should be mounted with the pressure port pointing away from sources of debris which might
otherwise plug the sensor.
A plugged port exhibits no change in pressure and can be cross checked in the user software.
Refer to NXP application note AN1902[1] for proper printed circuit board attributes and recommendations.
18 References
[1]
AN1902 - Assembly guidelines for QFN (quad flat no-lead) and SON (small outline no-lead) packages
https://www.nxp.com/docs/en/application-note/AN1902.pdf
[2]
AEC documents on Automotive Electronics Council Component Technical Committee’s site:
http://www.aecouncil.com/AECDocuments.html
[3]
AN12727 - FXPS7xxxDI4 User method to flash UF2
https://www.nxp.com/webapp/Download?colCode=AN12727&location=null
[4]
I2C-Bus specification and user manual — NXP User Manual (UM) 10204, Rev. 6 - 4 April 2014, 64 pages,
https://www.nxp.com/docs/en/user-guide/UM10204.pdf
19 Revision history
Document ID
Release date
Data sheet status
Change notice
Supercedes
FXPS7115D4 v.6.2
20230628
Product data sheet
—
FXPS7115D4 v.6.1
Modifications:
• Section 6.2, Table 3, revised the pin description for pin 5 adding "This pin should not be left
unconnected."
• Section 10, Table 104, revised as follows:
– PSENS: revised the content in the paramater, condition and typ columns.
– PABS_DRng: removed the row from the table.
– POFF_D12: revised the parameter, and condition content.
FXPS7115D4 v.6.1
20230607
Product data sheet
—
FXPS7115D4 v.6
FXPS7115D4 v.6
20220606
Product data sheet
—
FXPS7115D4 v.5
FXPS7115D4 v.5
20220224
Product data sheet
—
FXPS7115D4 v.4
FXPS7115D4 v.4
20200717
Product data sheet
—
FXPS7115D4 v.3
FXPS7115D4 v.3
20191205
Product data sheet
—
FXPS7115D4 v.2
FXPS7115D4 v.2
20190730
Product data sheet
—
FXPS7115D4 v.1
FXPS7115D4 v.1
20180816
Product data sheet
—
—
Table 108. Revision history
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.2 — 28 June 2023
66 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com