Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MF4SAM3X
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3X Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MF4SAM3X Datasheet HTML 2Page - NXP Semiconductors MF4SAM3X Datasheet HTML 3Page - NXP Semiconductors MF4SAM3X Datasheet HTML 4Page - NXP Semiconductors MF4SAM3X Datasheet HTML 5Page - NXP Semiconductors MF4SAM3X Datasheet HTML 6Page - NXP Semiconductors MF4SAM3X Datasheet HTML 7Page - NXP Semiconductors MF4SAM3X Datasheet HTML 8Page - NXP Semiconductors MF4SAM3X Datasheet HTML 9Page - NXP Semiconductors MF4SAM3X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
NXP Semiconductors
MF4SAM3x
MIFARE SAM AV3 secure access module
5 Pinning information
5.1 Pin description
5.1.1 PCM1.5 pin configuration
Figure 2. Pin configuration PCM1.5
ISO 7816
MIFARE SAM AV3
Pad
Symbol
Symbol
Pad
Description
C1
VCC
VCC
C1
power supply voltage input
C2
RST
RST_N
C2
reset input, active LOW
C3
CLK
CLK_N
C3
clock input
C4
reserved
n.c.
C4
n.c.
C5
GND
GND
C5
ground (reference voltage) input
C6
VPP
IO3
C6
used for I2C communication to RC (SCL)
C7
IO1
IO1
C7
input/output for serial data (host communication)
C8
reserved
IO2
C8
used for I2C communication to RC (SDA)
Table 2. Pin description PCM 1.5 MIFARE SAM AV3
5.1.2 HVQFN32 pin configuration
Remark: Central pad is isolated.
Figure 3. Pin configuration HVQFN32
MF4SAM3X_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 1 July 2023
6 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com