Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RMS015 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFBR-RMS015
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-RMS015 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFBR-RMS015 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-RMS015 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Step 3
Any excess fiber protruding from
the connector end may be cut off;
however, the trimmed fiber
should extend at least 1.5 mm
(0.06 in) from the connector end.
Insert the connector fully into the
polishing fixture with the trimmed
fiber protruding from the bottom
of the fixture. This plastic polish-
ing fixture can be used to polish
two simplex connectors or simplex
latching connectors simultane-
ously, or one duplex connector.
Note: The four dots on the
bottom of the polishing fixture
are wear indicators. Replace
the polishing fixture when any
dot is no longer visible.
Typically, the polishing fixture
can be used 10 times; 10 duplex
connectors or 20 simplex
connectors, two at a time.
Place the 600 grit abrasive paper
on a flat smooth surface, pressing
down on the connector, polish the
fiber and the connector using a
figure eight pattern of strokes
until the connector is flush with
the bottom of the polishing
fixture. Wipe the connector and
fixture with a clean cloth or
tissue.
Step 4
Place the flush connector and
polishing fixture on the dull side
of the 3
µm pink lapping film and
continue to polish the fiber and
connector for approximately 25
strokes. The fiber end should be
flat, smooth and clean.
This cable is now ready for use.
Note: Use of the pink lapping
film fine polishing step results
in approximately 2 dB
improvement in coupling
performance of either a
transmitter-receiver link or a
bulkhead/splice over a 600 grit
polish alone. This fine polish is
comparable to the Agilent
factory polish. The fine
polishing step may be omitted
where an extra 2 dB of optical
power is not essential, as with
short link lengths. Proper
polishing of the tip of the fiber/
connector face results in a tip
diameter between 2.5 mm
(0.098 in.) minimum and 3.2
mm (0.126 in.) maximum..
HFBR-4593 Polishing Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com