Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RTS015 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-RTS015
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-RTS015 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-RTS015 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-RTS015 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
HFBR-4503/4513 — Simplex Latching
The simplex latching connector is
designed for rugged applications
requiring a greater retention force
— 80 Newtons ( 18 lb.) — than
provided by a simplex nonlatching
connector. When inserting the
simplex latching connector into a
module, the connector latch
mechanism should be aligned
with the top surface of the
horizontal modules, or with the
tall vertical side of the vertical
modules. Misalignment of an
inserted latching connector into
either module will not result in a
positive latch. The connector is
released by depressing the rear
section of the connector lever,
and then pulling the connector
assembly away from the module
housing.
The simplex latching connector is
available in gray (HFBR-4503) or
blue (HFBR-4513).
DUPLEX CONNECTOR STYLES
HFBR-4506 — Duplex
Duplex connectors provide con-
venient duplex cable termination
and are keyed to prevent incorrect
insertion into duplex configured
modules. The duplex connector is
compatible with dual combina-
tions of horizontal or vertical
Versatile Link components (e.g.,
two horizontal transmitters, two
vertical receivers, a horizontal
transmitter with a horizontal
receiver, etc.). The duplex non-
HFBR-4526
Plastic Fiber Connector
Styles
Connector Description
Four connector styles are available
for termination of plastic optical
fiber: simplex, simplex latching,
duplex and duplex latching. All
connectors provide a snap-in
action when mated to Versatile
Link components. Simplex
connectors are color coded to
facilitate identification of trans-
mitter and receiver connections.
Duplex connectors are keyed so
that proper orientation is ensured
during insertion. If the POF cable/
connector will be used at extreme
operating temperatures or
experience frequent and wide
temperature cycling effects, the
cable/connector attachment can
be strengthened with an RTV
adhesive (see Plastic Connector-
ing Instructions for more detail).
The connectors are made of a
flame retardant VALOX UL94 V-0
material (UL file # E121562).
SIMPLEX CONNECTOR STYLES
HFBR-4501/4511 — Simplex
The simplex connector provides a
quick and stable connection for
applications that require a
component-to-connector retention
force of 8 Newtons (1.8 lb.).
These connectors are available in
gray (HFBR-4501) or blue
(HFBR-4511).
latching connector is available in
parchment, off-white (HFBR-
4506).
HFBR-4516 — Duplex Latching
The duplex latching connector is
designed for rugged applications
requiring greater retention force
than the nonlatching duplex con-
nector. When inserting the duplex
latching connector into a module,
the connector latch mechanism
should be aligned with the top
surface of the dual combination of
horizontal or vertical Versatile
Link components. The duplex
latching connector is available in
gray (HFBR-4516).
Feedthrough/Splice
HFBR-4505/4515 Bulkhead Adapter
The HFBR-4505/4515 adapter
mates two simplex connectors for
panel/bulkhead feedthrough of
HFBR-4501/4511 terminated
plastic fiber cable. Maximum
panel thickness is 4.1 mm (0.16
inch). This adapter can serve as a
cable in-line splice using two
simplex connectors. The adapters
are available in gray (HFBR-
4505) and blue (HFBR-4515).
This adapter is not compatible
with POF duplex, POF simplex
latching, or HCS connectors.
,
HFBR-4526
, HFBR-4525
HFBR-4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com