Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RUD015 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-RUD015
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-RUD015 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-RUD015 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-RUD015 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Ordering Guide for POF
Cable
For Example:
HFBR-RUD500 is a Standard
Attenuation, Unconnectored,
Duplex, 500 meter cable.
HFBR-RLS001 is a Standard
Attenuation, Latching Simplex
Connectored, Simplex, 1 meter
cable.
HFBR-RMD010 is a Standard
Attenuation, Standard Duplex
Connectored, Duplex, 10 meter
cable.
HFBR-RMD100 is a Standard
Attenuation, Standard Duplex
Connectored, Duplex, 100 meter
cable.
Connector Code
U = Unconnectored
N = Standard Simplex Connectors
L = Latching Simplex Connectors
M = Standard Duplex Connectors
T = Latching Duplex Connectors
Cable Code
R = Standard Attenuation POF
E = Extra Low Loss POF
HFBR-
Channel Code
S = Simplex Cable
D = Duplex Zipcord Cable
Length Code (measured from tip of
connector to tip of connector)
1-500 meters in 1 meter increments
e.g. 015 = 15 meters
1-10 meters in 1 decimeter increments
e.g. 15D = 1.5 meters
Ordering Guide for POF Connectors and Accessories
Plastic Optical Fiber Connectors
HFBR-4501
Gray Simplex Connector/Crimp Ring
HFBR-4511
Blue Simplex Connector/Crimp Ring
HFBR-4503
Gray Simplex Latching Connector with Crimp Ring
HFBR-4513
Blue Simplex Latching Connector with Crimp Ring
HFBR-4506
Parchment Duplex Connector with Crimp Ring
HFBR-4516
Gray Duplex Latching Connector with Crimp Ring
HFBR-4505
Gray Adapter (Bulkhead/Feedthrough)
HFBR-4515
Blue Adapter (Bulkhead/Feedthrough)
Plastic Optical Fiber Accessories
HFBR-4522
500 HFBR-0500 Products Port Plugs
HFBR-4525
1000 Simplex Crimp Rings
HFBR-4526
500 Duplex Crimp Rings
HFBR-4593
Polishing Kit (one polishing tool, two pieces 600 grit
abrasive paper, and two pieces 3
µm pink lapping film)
HFBR-4597
Plastic Fiber Crimping Tool
Cable Length Tolerances:
The plastic cable length
tolerances are: +10%/-0%.
NOTE: By convention, pre-
connectored simplex POF cables
have gray and blue colored
connectors on the opposite ends
of the same fiber; although
oppositely colored, the
connectors are mechanically
identical. Duplex POF cables with
duplex connectors use color-
coded markings on the duplex
fiber cable to differentiate
between the channel.
Note: Not all possible combinations reflect available part numbers. Please contact
your local Agilent representative for a list of current available cable part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com