Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RND015 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR-RND015
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-RND015 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR-RND015 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-RND015 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Plastic Optical Fiber Specifications: HFBR-R/EXXYYY
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage and Operating Temperature
TS,O
-55
+85
°C
Recommended Operating Temperature
TO
-40
+85
°C
Installation Temperature
TI
-20
+70
°C1
Short Term Tensile
Single Channel
FT
50
N
2
Dual Channel
FT
100
N
Short Term Bend Radius
r
25
mm
3, 4
Long Term Bend Radius
r
35
mm
Long Term Tensile Load
FT
1N
Flexing
1000
Cycles
4
Mechanical/Optical Characteristics, TA = -40 to +85°C unless otherwise specified.
Parameter
Symbol
Min.
Typ.[5]
Max.
Unit
Condition
Cable
Standard Cable,
α
O
0.15
0.22
0.27
dB/m
Source is HFBR-15XX
Attenuation
Type "R"
(660 mm LED, 0.5 NA)
Extra Low Loss,
0.15
0.19
0.23
= 50 meters
Type "E"
Reference
Standard Cable,
α
R
0.12
0.19
0.24
dB/m
Source is 650 nm,
Attenuation
Type "R"
0.5 NA monochrometer,
Extra Low Loss,
0.12
0.16
0.19
= 50 meters
Type "E"
Note 7, Figure 1
Numerical Aperture
NA
0.46
0.47
0.50
>2 meters
Diameter, Core and Cladding
DC
0.94
1.00
1.06
mm
Diameter, Jacket
DJ
2.13
2.20
2.27
mm
Simplex Cable
Propagation Delay Constant
l/v
5.0
ns/m
Note 6
Mass per Unit Length/Channel
5.3
g/m
Without Connectors
Cable Leakage Current
IL
12
nA
50 kV,
= 0.3 meters
Refractive Index
Core
n
1.492
Cladding
1.417
Notes:
1. Installation temperature is the range over which the cable can be bent and pulled
without damage. Below -20
°C the cable becomes brittle and should not be subjected to
mechanical stress.
2. Short Term Tensile Force is for less than 30 minutes.
3. Short Term Bend Radius is for less than 1 hour nonoperating.
4. 90
° bend on 25 mm radius mandrel. Bend radius is the radius of the mandrel around
which the cable is bent.
5. Typical data are at 25
°C.
6. Propagation delay constant is the reciprocal of the group velocity for propagation delay
of optical power. Group velocity is v=c/n where c is the velocity of light in free space
(3xl08 m/s) and n is the effective core index of refraction.
7. Note that
α
R rises at the rate of about 0.0067 dB/°C, where the thermal rise refers to
the LED temperature changes above 25
°C. Please refer to Figure 1 which shows the
typical plastic optical fiber attenuation versus wavelength at 25
°C.
Force



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com