Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV29 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCV29
Description  NPN Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV29 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCV29 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV29 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Dec 06
4
NXP Semiconductors
Product data sheet
NPN Darlington transistors
BCV29; BCV49
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
BCV29
IE = 0 A; VCB = 30 V
−
−
100
nA
BCV49
IE = 0 A; VCB = 60 V
−
−
100
nA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = 10 V
−
−
100
nA
hFE
DC current gain
VCE = 5 V; see Fig.2
BCV29
IC = 1 mA
4000
−
−
IC = 10 mA
10000
−
−
IC = 100 mA
20000
−
−
IC = 500 mA
4000
−
−
DC current gain
VCE = 5 V; see Fig.2
BCV49
IC = 1 mA
2000
−
−
IC = 10 mA
4000
−
−
IC = 100 mA
10000
−
−
IC = 500 mA
2000
−
−
VCEsat
collector-emitter saturation voltage IC = 100 mA; IB = 0.1 mA
−
−
1
V
VBEsat
base-emitter saturation voltage
IC = 100 mA; IB = 0.1 mA
−
−
1.5
V
VBEon
base-emitter on-state voltage
IC = 10 mA; VCE = 5 V
−
−
1.4
V
fT
transition frequency
IC = 30 mA; VCE = 5 V; f = 100 MHz −
220
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com