Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST39 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BST39
Description  NPN high-voltage transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BST39 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BST39 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BST39 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Dec 14
2
NXP Semiconductors
Product data sheet
NPN high-voltage transistors
BST39; BST40
FEATURES
• Low current (max. 100 mA)
• High voltage (max. 350 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN high-voltage transistor in a SOT89 plastic package.
PNP complements: BST15 and BST16.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
BST39
AT1
BST40
AT2
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym042
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BST39
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
BST40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com