Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204010P Datasheet(PDF) 13 Page - Winbond

Part # WMS7204010P
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204010P Datasheet(HTML) 13 Page - Winbond

Back Button WMS7204010P Datasheet HTML 9Page - Winbond WMS7204010P Datasheet HTML 10Page - Winbond WMS7204010P Datasheet HTML 11Page - Winbond WMS7204010P Datasheet HTML 12Page - Winbond WMS7204010P Datasheet HTML 13Page - Winbond WMS7204010P Datasheet HTML 14Page - Winbond WMS7204010P Datasheet HTML 15Page - Winbond WMS7204010P Datasheet HTML 16Page - Winbond WMS7204010P Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
WMS7204
Publication Release Date: January 2003
- 13 -
Revision 1.0
TABLE 5 – INSTRUCTION SET
Inst
No.
Instruction Byte
C3 C2 C1 C0 A3 A2 A1 A0
Data Byte 1
D15 D14 D13 D12 D11 D10 D9 D8
Data Byte 2
D7 D6 D5 D4 D3 D2 D1 D0
Operation
1
0
0
0
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
No Operation
(NOP). Do nothing
2
1
1
0
0
x
x A1
A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Read Tap Register
and output selection
MUX register
3
0
1
0
0
x
x A1
A0
x
x
x
x
x
x
x
x
D7 D6 D5 D4 D3 D2 D1 D0
Write to Tap
Register with D7-
D0
4
1
0
1
0 A3 A2 A1 A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Read NVMEM
pointed to by A3-A0
5
0
0
1
0 A3 A2 A1 A0
x
x
x
x
x
x
x
D8
D7 D6 D5 D4 D3 D2 D1 D0
Program NVMEM
pointed to by A3-A0
with D8-D0
6
1
0
1
1 A3 A2 A1 A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Load Tap Register
and output selection
MUX register with
the contents of
NVMEM pointed to
by A3-A0
7
0
0
1
1 A3 A2 A1 A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Program NVMEM
pointed to by A3-A0
with the contents of
Tap Register and
output selection
MUX register
8
0
1
1
1
x
x A1
A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Up: Increment
setting of TR by one
tap
9
1
1
1
1
x
x A1
A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Down: Decrement
setting of TR by one
tap
10
1
0
0
0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Sleep: Discontinue
clock supply to the
logic and memories
11
0
0
0
1
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Wake Up: Clock
supply to the logic
and memories
12
1
1
0
1 A3 A2 A1 A0
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Byte-erase
NVMEM pointed to
by A3-A0
13
1
0
0
1
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Power On Reset:
Software reset the
part to the power up
state
Note: C3-C0 are the command op-code; A3, A2 are the NVMEM address; A1, A0 are the channel address.
7.8. BASIC OPERATION
This chapter describes the sequences of commands to send to the WMS7204 and how to use the
different features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com