Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMS7204100P Datasheet(PDF) 13 Page - Winbond

Part # WMS7204100P
Description  256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204100P Datasheet(HTML) 13 Page - Winbond

Back Button WMS7204100P Datasheet HTML 9Page - Winbond WMS7204100P Datasheet HTML 10Page - Winbond WMS7204100P Datasheet HTML 11Page - Winbond WMS7204100P Datasheet HTML 12Page - Winbond WMS7204100P Datasheet HTML 13Page - Winbond WMS7204100P Datasheet HTML 14Page - Winbond WMS7204100P Datasheet HTML 15Page - Winbond WMS7204100P Datasheet HTML 16Page - Winbond WMS7204100P Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
WMS7201
Publication Release Date: January 2003
- 13 -
Revision 1.1
4. 24 clock pulses are sent for each command. SDI must be valid on the rising edge of the clock,
SDO is valid on the falling edge of the clock or CS .
5. Take CS HIGH after the command has completed
6. If command 2, 4, 5, 6 or 7 is sent, wait TSV time before sending the next command.
7.8.2 Wake Up/Sleep/Power Commands
The chip is in SLEEP mode after:
•
VDD is applied
•
A Power on Reset command is sent
•
A SLEEP command is sent
Before any operations can be performed the WAKE UP command must be sent.
When a SLEEP command is sent, the chip retains its resistor settings as long as the chip is powered
up but cannot accept any other commands than a WAKE UP command.
TABLE 6 – POWER RELATED COMMANDS
Inst.
No.
Command
Name:
Command Byte
Data Byte 1
Data Byte 2
Comment
11
Wake Up
0 0 0 1 x x x x
x x x x x x x x
x x x x x x x x
Wake Up entire chip
10
Sleep
1 0 0 0 x x x x
x x x x x x x x
x x x x x x x x
Send chip into power
save mode
13
Power on Reset
1 0 0 1 x x x x
x x x x x x x x
x x x x x x x x
Reset Chip
1
NOP
0 0 0 0 x x x x
x x x x x x x x
x x x x x x x x
Dummy instruction
The commands above control the entire chip.
7.8.3 Write to Tap Register (TR)
The microcontroller can write a value directly into the tap register or send an increment or decrement
command to control the tap register. Alternatively, the contents of an NVMEM location can be written
to the tap register. The only way to change the output buffer mode is to write the desired value of bit
D8 into an NVMEM location and then load the corresponding NVMEM location into the tap register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com