Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82913 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPSM82913
Description  TPSM8291x 3-V to 17-V, 2-A/3-A Low-Noise and Low-Ripple Buck Power Module with Integrated Ferrite Bead Filter Compensation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82913 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPSM82913 Datasheet HTML 19Page - Texas Instruments TPSM82913 Datasheet HTML 20Page - Texas Instruments TPSM82913 Datasheet HTML 21Page - Texas Instruments TPSM82913 Datasheet HTML 22Page - Texas Instruments TPSM82913 Datasheet HTML 23Page - Texas Instruments TPSM82913 Datasheet HTML 24Page - Texas Instruments TPSM82913 Datasheet HTML 25Page - Texas Instruments TPSM82913 Datasheet HTML 26Page - Texas Instruments TPSM82913 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
8.2.2.2.3 Ferrite Bead Selection for Second L-C Filter
Using a ferrite bead for the second stage L-C filter minimizes the external component count because most of the
noise sensitive circuits use a RF bead for high frequency attenuation as a default component at their inputs.
Select a ferrite bead with sufficiently high inductance at full load, and with low DC resistance (below 10 mΩ) to
keep the converter efficiency as high as possible. The ferrite bead inductance decreases with increased load
current. Therefore, the ferrite bead must have a current rating much higher than the desired load current.
The recommendation is to choose a ferrite bead with an impedance of 8 Ω to 20 Ω at 100 MHz. Refer to Table
8-5 for possible ferrite beads.
Table 8-5. Recommended Ferrite Beads
PART NUMBER
MANUFACTURER
SIZE
IMPEDANCE AT
100 MHZ
INDUCTANCE AT
100 MHz
(CALCULATED)
DC RESISTANCE
CURRENT
RATING
BLE18PS080SN1
MuRata
0603
8.5 Ω
13.5 nH
4 mΩ
5 A
74279221100
Wurth Elektronik
1206
10 Ω
15.9 nH
3 mΩ
10.5 A
7427922808
Wurth Electronik
0603
8 Ω
12.7 nH
5 mΩ
9.5 A
The internal compensation has been designed to be stable with up to 50 nH of inductance in the second stage
filter. To achieve low ripple, the second L-C filter requires only 5-nH to 10-nH inductance. The inductance can
be estimated from the ferrite bead impedance specification at 100 MHz, with the assumption that the inductance
is similar at the selected converter switching frequency of 1 MHz or 2.2 MHz, and can be verified through tools
available on some manufacturer websites. The inductance of a ferrite bead is calculated using Equation 5:
2
Z
L
f
S
u u
(5)
where
• Z is the impedance of the ferrite bead in ohms at the specified frequency (usually 100 MHz)
• f is the specified frequency (usually 100 MHz)
8.2.2.2.4 Input Capacitor Selection
For the best output and input voltage filtering, Ti recommends X5R or X7R ceramic capacitors. The input bulk
capacitor minimizes input voltage ripple, suppresses input voltage spikes, and provides a stable system rail for
the device. TI recommends a 10-μF or larger input capacitor. Having two in parallel further improves the input
voltage ripple filtering, minimizing noise coupling into adjacent circuits. The voltage rating of the cap must also
be taken into consideration, and must provide the required 5-μF minimum effective capacitance after DC bias
derating.
In addition to the bulk input cap, a smaller cap must be placed directly from the VIN pin to the PGND pin to
minimize input loop parasitic inductance, thereby minimizing the high frequency noise of the device. The input
cap placement affects the output noise, so care must be taken in placing both the bulk cap and bypass caps.
Table 8-6 lists recommended input capacitors.
Table 8-6. Recommended Input Capacitors
INPUT CAP TYPE
CAPACITOR VALUE
MANUFACTURER
VOLTAGE RATING (V)
PACKAGE SIZE
Bulk Cap
10 μF, X7S
TDK
C2012X7S1E106K125AC
25
0805
Bypass Cap
2.2 nF, X7R
Murata
GRM155R71E222KA01D
25
0402
8.2.2.2.5 Setting the Output Voltage
Choose resistors R1 and R2 to set the output voltage within a range of 0.8 V to 5.5 V, according to Equation
6. To keep the feedback network robust from noise, and to reduce the self-generated noise of resistors, set R2
www.ti.com
TPSM82913, TPSM82913E
SLVSGJ4B – OCTOBER 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPSM82913 TPSM82913E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com