Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA78L05CLP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # UA78L05CLP
Description  UA78L Series Positive-Voltage Linear Regulators
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78L05CLP Datasheet(HTML) 14 Page - Texas Instruments

Back Button UA78L05CLP Datasheet HTML 10Page - Texas Instruments UA78L05CLP Datasheet HTML 11Page - Texas Instruments UA78L05CLP Datasheet HTML 12Page - Texas Instruments UA78L05CLP Datasheet HTML 13Page - Texas Instruments UA78L05CLP Datasheet HTML 14Page - Texas Instruments UA78L05CLP Datasheet HTML 15Page - Texas Instruments UA78L05CLP Datasheet HTML 16Page - Texas Instruments UA78L05CLP Datasheet HTML 17Page - Texas Instruments UA78L05CLP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
6.14 Typical Characteristics (continued)
at specified junction temperature TJ = 25 °C, VI = 10 V, VO = 5 V, CIN = 0.33 µF, COUT = 0.1µF, and IO = 1 mA (unless
otherwise noted)
Input Voltage (VI) [V]
6
8
10
12
14
16
18
20
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
IO = 40 mA
Figure 6-7. Line Regulation at IO = 40 mA for New Chip at
TJ = 25°C
Input Voltage (VI) [V]
6
8
10
12
14
16
18
20
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
Figure 6-8. Line Regulation at IO = 1 mA for New Chip at
TJ = 25°C
IO = 40 mA
Figure 6-9. Line Regulation at IO = 40 mA for New Chip
Input Voltage (VI) [V]
6
8
10
12
14
16
18
20
4.84
4.86
4.88
4.9
4.92
4.94
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-10. Line Regulation at IO = 1 mA for New Chip
Load Current (IO) [mA]
0
10
20
30
40
50
60
70
80
90
100
4.16
4.162
4.164
4.166
4.168
4.17
4.172
4.174
D001
TA = 25qC
VI = 10 V
Figure 6-11. Bias Current vs Load Current for Legacy Chip
Output Current (Io) [mA]
0
10
20
30
40
50
60
70
80
90
100
3.4
3.5
3.6
3.7
3.8
3.9
Figure 6-12. Bias Current vs Load Current for New Chip at
TJ = 25°C
UA78L
SLVS010X – JANUARY 1976 – REVISED JUNE 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: UA78L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com