Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA3496 Datasheet(PDF) 4 Page - FETek Technology Corp.

Part # FKBA3496
Description  30V Dual Asymmetric N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA3496 Datasheet(HTML) 4 Page - FETek Technology Corp.

  FKBA3496 Datasheet HTML 1Page - FETek Technology Corp. FKBA3496 Datasheet HTML 2Page - FETek Technology Corp. FKBA3496 Datasheet HTML 3Page - FETek Technology Corp. FKBA3496 Datasheet HTML 4Page - FETek Technology Corp. FKBA3496 Datasheet HTML 5Page - FETek Technology Corp. FKBA3496 Datasheet HTML 6Page - FETek Technology Corp. FKBA3496 Datasheet HTML 7Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA3496
30V Dual Asymmetric N-Channel MOSFET
4
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
N- Channel Typical Characteristics (Die1)
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs G-S Voltage
Fig.3 Source Drain Forward Characteristics
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs TJ
Fig.6 Normalized RDSON vs TJ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com