Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1189 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # FP1189
Description  1/2 - Watt HFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP1189 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  FP1189 Datasheet HTML 1Page - WJ Communication. Inc. FP1189 Datasheet HTML 2Page - WJ Communication. Inc. FP1189 Datasheet HTML 3Page - WJ Communication. Inc. FP1189 Datasheet HTML 4Page - WJ Communication. Inc. FP1189 Datasheet HTML 5Page - WJ Communication. Inc. FP1189 Datasheet HTML 6Page - WJ Communication. Inc. FP1189 Datasheet HTML 7Page - WJ Communication. Inc. FP1189 Datasheet HTML 8Page - WJ Communication. Inc. FP1189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP1189
½ - Watt HFET
Product Information
Typical Device Data
S-Parameters (VDS = +8 V, IDS = 125 mA, T = 25°C, calibrated to device leads)
0
1
2
3
4
5
6
Frequency (GHz)
S21, Maximum Stable Gain vs. Frequency
0
5
10
15
20
25
30
DB(|S[2,1]|)
DB(MSG)
10.0
5.0
3.0
4.0
-0.2
-0.4
S11
Swp Max
6GHz
Swp Min
0.05GHz
10.0
5.0
3.0
4.0
-0.2
-0.4
S22
Swp Max
6GHz
Swp Min
0.05GHz
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines.
The S-parameters shown are the de-embedded data down to the device leads and represents typical performance of the device.
Freq (MHz)
S11 (mag)
S11 (ang)
S21 (mag)
S21 (ang)
S12 (mag)
S12 (ang)
S22 (mag)
S22 (ang)
50
1.000
-4.52
10.313
176.55
0.002
87.44
0.544
-3.02
250
0.988
-21.51
10.120
163.88
0.010
76.64
0.535
-13.77
500
0.959
-42.21
9.681
148.45
0.020
64.73
0.520
-27.13
750
0.933
-61.23
9.005
134.71
0.028
53.45
0.495
-39.31
1000
0.895
-78.75
8.270
122.08
0.035
44.25
0.469
-50.54
1250
0.860
-95.09
7.561
109.58
0.040
34.30
0.447
-60.96
1500
0.848
-109.61
7.028
99.15
0.044
26.69
0.428
-70.64
1750
0.821
-122.91
6.408
88.96
0.046
19.57
0.407
-79.82
2000
0.807
-135.32
5.950
79.64
0.048
13.93
0.400
-88.93
2250
0.796
-147.01
5.474
70.37
0.049
7.21
0.386
-97.59
2500
0.785
-157.00
5.087
62.43
0.050
2.99
0.374
-105.24
2750
0.780
-166.26
4.732
53.97
0.050
-1.58
0.376
-113.47
3000
0.775
-175.87
4.415
45.54
0.049
-6.79
0.369
-121.84
3250
0.766
175.78
4.082
38.18
0.049
-9.36
0.368
-129.77
3500
0.770
167.34
3.843
30.76
0.048
-12.48
0.372
-137.25
3750
0.771
159.87
3.602
23.91
0.050
-14.97
0.369
-144.61
4000
0.771
152.07
3.408
16.74
0.050
-17.53
0.374
-152.17
4250
0.771
145.63
3.241
9.15
0.048
-19.53
0.382
-161.00
4500
0.772
138.97
3.053
2.49
0.048
-21.27
0.387
-168.31
4750
0.770
132.07
2.876
-4.50
0.050
-23.00
0.396
-175.08
5000
0.780
126.56
2.743
-10.47
0.048
-25.08
0.408
177.65
5250
0.794
120.21
2.622
-17.28
0.049
-26.64
0.412
170.89
5500
0.795
114.22
2.507
-24.43
0.051
-30.44
0.423
162.41
5750
0.794
108.27
2.346
-31.21
0.052
-30.16
0.442
154.66
6000
0.798
102.86
2.237
-36.95
0.052
-31.18
0.446
147.41
Device S-parameters are available for download off of the website at: http://www.wj.com
1
2
3
4
GH
5
GH
6
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com