Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2189 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # FP2189
Description  1 - Watt HFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP2189 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  FP2189 Datasheet HTML 1Page - WJ Communication. Inc. FP2189 Datasheet HTML 2Page - WJ Communication. Inc. FP2189 Datasheet HTML 3Page - WJ Communication. Inc. FP2189 Datasheet HTML 4Page - WJ Communication. Inc. FP2189 Datasheet HTML 5Page - WJ Communication. Inc. FP2189 Datasheet HTML 6Page - WJ Communication. Inc. FP2189 Datasheet HTML 7Page - WJ Communication. Inc. FP2189 Datasheet HTML 8Page - WJ Communication. Inc. FP2189 Datasheet HTML 9Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
September 2004
FP2189
1 - Watt HFET
Product Information
Typical Device Data
S-Parameters (VDS = +8 V, IDS = 250 mA, T = 25°C, calibrated to device leads)
0
1
2
3
4
5
6
Frequency (GHz)
S21 and Maximum Stable Gain
0
10
20
30
S21
MSG
10.0
5.0
3.0
4.0
-0.2
-0.4
S11
Swp Max
6GHz
Swp Min
0.01GHz
10.0
5.0
3.0
4.0
-0.2
-0.4
S22
Swp Max
6GHz
Swp Min
0.01GHz
Note:
Measurements were made on the packaged device in a test fixture with 50 ohm input and output lines.
The S-parameters shown are the de-embedded data down to the device leads and represents typical performance of the device.
Freq (MHz)
S11 (mag)
S11 (ang)
S21 (mag)
S21 (ang)
S12 (mag)
S12 (ang)
S22 (mag)
S22 (ang)
50
0.995
-9.21
15.562
173.61
0.004
82.89
0.261
-10.68
250
0.963
-43.33
14.312
151.51
0.017
65.62
0.263
-46.04
500
0.906
-78.54
11.961
128.91
0.029
49.26
0.276
-81.01
750
0.876
-104.31
9.735
111.97
0.036
34.34
0.288
-103.33
1000
0.851
-123.00
8.046
98.87
0.040
24.98
0.300
-119.07
1250
0.836
-138.30
6.765
86.96
0.042
17.12
0.315
-130.86
1500
0.834
-149.84
5.864
77.58
0.043
12.50
0.330
-139.51
1750
0.825
-159.46
5.090
68.80
0.043
8.49
0.346
-147.68
2000
0.827
-168.49
4.556
60.62
0.044
4.05
0.368
-153.90
2250
0.827
-176.39
4.049
52.41
0.043
0.16
0.378
-160.68
2500
0.826
177.53
3.660
45.61
0.043
-1.33
0.394
-166.28
2750
0.830
171.26
3.336
38.11
0.043
-3.95
0.416
-171.43
3000
0.829
165.08
3.054
30.79
0.043
-6.46
0.427
-177.48
3250
0.828
159.79
2.779
24.59
0.043
-6.43
0.445
177.09
3500
0.836
154.28
2.596
18.29
0.043
-8.81
0.465
172.17
3750
0.838
149.19
2.422
11.82
0.044
-8.46
0.478
166.87
4000
0.839
144.09
2.276
5.12
0.044
-8.40
0.498
160.44
Device S-parameters are available for download off of the website at: http://www.wj.com
Load-Pull Data at 1.96 GHz
(Vds = 8 V, Ids = 250 mA, 25°C, ZS = 50 Ω)
10.0
5.0
3.0
4.0
-0.2
-0.4
Output IP3
Swp Max
6GHz
Swp Min
1e-009GHz
1.96 GHz
r 9.0 Ohm
x 11.0 Ohm
50
48
46
45
47
10.0
5.0
3.0
4.0
-0.2
-0.4
P1dB
Swp Max
6GHz
Swp Min
1e-009GHz
1.96 GHz
r 22 Ohm
x 2 Ohm
30
29
28
Maximum IP3 = +51 dBm at ZL = 9 + j11
Ω
Maximum P1dB = +30.9 dBm at ZL = 22 + j2
Ω
1
GHz
2
GHz
3
GHz
4
GHz
5
GHz
6
GHz
1
GHz
2
GHz
3
GHz
4
GHz
5
GHz
6
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com