Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLV99SL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLV99SL
Description  UHF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV99SL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLV99SL Datasheet HTML 2Page - NXP Semiconductors BLV99SL Datasheet HTML 3Page - NXP Semiconductors BLV99SL Datasheet HTML 4Page - NXP Semiconductors BLV99SL Datasheet HTML 5Page - NXP Semiconductors BLV99SL Datasheet HTML 6Page - NXP Semiconductors BLV99SL Datasheet HTML 7Page - NXP Semiconductors BLV99SL Datasheet HTML 8Page - NXP Semiconductors BLV99SL Datasheet HTML 9Page - NXP Semiconductors BLV99SL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
September 1991
8
Philips Semiconductors
Product specification
UHF power transistor
BLV99/SL
Fig.9
Input impedance (series components) as a
function of frequency, typical values.
Class-B operation; VCE = 24 V; PL = 2 W;
Tmb =25 °C.
handbook, halfpage
800
850
900
1000
f (MHz)
ri, xi
(
Ω)
ri
xi
10
0
8
950
6
4
2
MBK471
Fig.10 Load impedance (series components) as a
function of frequency , typical values.
Class-B operation; VCE = 24 V; PL = 2 W;
Tmb =25 °C.
handbook, halfpage
800
850
900
1000
f (MHz)
RL, XL
(
Ω)
RL
XL
80
0
60
950
40
20
MBK472
Fig.11 Definition of transistor impedance.
handbook, halfpage
MBA451
Zi
ZL
Fig.12 Power gain as a function of frequency,
typical values.
Class-B operation; VCE = 24 V; PL = 2 W;
Tmb =25 °C.
handbook, halfpage
800
850
900
1000
f (MHz)
Gp
(dB)
12
10
0
8
950
6
4
2
MBK473



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com