Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500AKSZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8500AKSZ-R2
Description  Micropower Precision CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8500AKSZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8500AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8500AKSZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8500
Rev. A | Page 7 of 12
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0123456
VS (V)
0
Figure 8. Supply Current vs. Supply Voltage
TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
–40 –25 –10
5
20
35
50
65
80
95
110 125
ISY AT 5.0V
ISY AT 1.8V
Figure 9. Supply Current vs. Temperature
VCM (V)
600
650
700
750
800
850
900
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 10. Supply Current vs. Input Common-Mode Voltage
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
LOAD CURRENT (mA)
SOURCE
SINK
Figure 11. Output Saturation Voltage vs. Load Current
100
10
1
0.1
–40
10
–15
35
60
85
TEMPERATURE (°C)
VOL @ 100kΩ LOAD
VOH @ 100kΩ LOAD
VOL @ 10kΩ LOAD
VOH @ 10kΩ LOAD
Figure 12. Output Saturation Voltage vs. Temperature
80
60
40
20
0
–20
–40
–60
–80
10
100
1k
10k
100k
FREQUENCY (Hz)
–180
–135
–90
–45
0
45
90
135
Figure 13. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com